Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGS5120PT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGS5120PT1G
Description  Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS5120PT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTGS5120PT1G Datasheet HTML 1Page - ON Semiconductor NTGS5120PT1G Datasheet HTML 2Page - ON Semiconductor NTGS5120PT1G Datasheet HTML 3Page - ON Semiconductor NTGS5120PT1G Datasheet HTML 4Page - ON Semiconductor NTGS5120PT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTGS5120P
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Crss
Qgd
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total
Charge
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
30
20
10
0
0
500
600
18
8.0
6.0
2.0 4.0
0
0
1.0
2.0
4.0
5.0
8.0
9.0
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1.0
1.0
10
1000
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.2
0.4
0.8
1.0
1.2
40
100
200
300
400
VGS = 0 V
TJ = 25°C
Ciss
Coss
3.0
6.0
Qt
Qgs
TJ = 25°C
ID = −2.9 A
Vds = −30 V
VDD = −30 V
ID = −1.0 A
VGS = −10 V
td(off)
td(on)
tr
tf
0.9
0.8
VGS = 0 V
TJ = 25°C
0.6
1300
100
700
1000
1100
800
900
1200
1.4
7.0
16
14
10
12


Similar Part No. - NTGS5120PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS5120PT1G ONSEMI-NTGS5120PT1G Datasheet
118Kb / 6P
   Power MOSFET
August, 2014 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTGS5120PT1G VBSEMI-NTGS5120PT1G Datasheet
399Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTGS5120PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
   Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
   Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
   Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTD20P06L ONSEMI-NTD20P06L Datasheet
119Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
   Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
NTGS4141N ONSEMI-NTGS4141N Datasheet
68Kb / 5P
   Power MOSFET 30 V, 7.0 A, Single N?묬hannel, TSOP??
February, 2006 ??Rev. 1
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com