Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGD4167C Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGD4167C
Description  Power MOSFET Complementary, 30 V, 2.9/??.2 A, TSOP?? Dual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD4167C Datasheet(HTML) 4 Page - ON Semiconductor

  NTGD4167C Datasheet HTML 1Page - ON Semiconductor NTGD4167C Datasheet HTML 2Page - ON Semiconductor NTGD4167C Datasheet HTML 3Page - ON Semiconductor NTGD4167C Datasheet HTML 4Page - ON Semiconductor NTGD4167C Datasheet HTML 5Page - ON Semiconductor NTGD4167C Datasheet HTML 6Page - ON Semiconductor NTGD4167C Datasheet HTML 7Page - ON Semiconductor NTGD4167C Datasheet HTML 8Page - ON Semiconductor NTGD4167C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NTGD4167C
http://onsemi.com
4
N−CHANNEL TYPICAL CHARACTERISTICS
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0
0.5
1.0 1.5 2.0 2.5 3.0 3.5 4.0
4.5 5.0
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
TJ = 25°C
VGS = 4.5 V
3.5 V
2.5 V
2.0 V
1.5 V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0.75
1
1.25
1.5
1.75
2
2.25
2.5
VDS = 5 V
125°C
−55°C
25°C
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TJ = 25°C
ID = 2.6 A
VGS, GATE VOLTAGE (V)
Figure 3. On−Region vs. Gate−To−Source
Voltage
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
TJ = 25°C
VGS = 4.5 V
VGS = 2.5 V
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance vs. Drain Current and
Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = 2.6 A
VGS = 4.5 V
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
CISS
COSS
CRSS
TJ = 25°C
VGS = 0 V
f = 1 MHz
Figure 6. Capacitance Variation


Similar Part No. - NTGD4167C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGD4167CT1G VBSEMI-NTGD4167CT1G Datasheet
607Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - NTGD4167C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3149C ONSEMI-NTGD3149C Datasheet
126Kb / 8P
   Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGD4169F ONSEMI-NTGD4169F Datasheet
136Kb / 7P
   Power MOSFET and Schottky Diode 30 V, 2.9 A, N?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 1
NTGS4141N ONSEMI-NTGS4141N Datasheet
68Kb / 5P
   Power MOSFET 30 V, 7.0 A, Single N?묬hannel, TSOP??
February, 2006 ??Rev. 1
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
   Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
logo
Fairchild Semiconductor
FDMA3023PZ FAIRCHILD-FDMA3023PZ Datasheet
330Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -2.9 A, 90 m廓
logo
ON Semiconductor
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
   Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
NVMFD5C446N ONSEMI-NVMFD5C446N Datasheet
293Kb / 7P
   Power MOSFET 40 V, 2.9 m, 127 A, Dual N?묬hannel
October, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com