Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD6600N-1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD6600N-1
Description  Power MOSFET 100 V, 12 A, N?묬hannel, Logic Level DPAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD6600N-1 Datasheet(HTML) 2 Page - ON Semiconductor

  NTD6600N-1 Datasheet HTML 1Page - ON Semiconductor NTD6600N-1 Datasheet HTML 2Page - ON Semiconductor NTD6600N-1 Datasheet HTML 3Page - ON Semiconductor NTD6600N-1 Datasheet HTML 4Page - ON Semiconductor NTD6600N-1 Datasheet HTML 5Page - ON Semiconductor NTD6600N-1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTD6600N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
V(BR)DSS
100
Vdc
Zero Gate Voltage Drain Current
(VGS = 0 Vdc, VDS = 100 Vdc, TJ = 25°C)
(VGS = 0 Vdc, VDS = 100 Vdc, TJ = 125°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
±100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
VDS = VGS, ID = 250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
1.0
1.5
−4.4
2.0
Vdc
mV/
°C
Static Drain−to−Source On−State Resistance (VGS = 5.0 Vdc, ID = 6.0 Adc)
RDS(on)
118
146
m
W
Drain−to−Source On−Voltage (VGS = 5.0 Vdc, ID = 12 Adc)
VDS(on)
1.5
2.2
Vdc
Forward Transconductance (VDS = 10 Vdc, ID = 6.0 Adc)
gFS
10
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
463
700
pF
Output Capacitance
Coss
116
225
Reverse Transfer Capacitance
Crss
36
75
SWITCHING CHARACTERISTICS (Notes 4 & 5)
Turn−On Delay Time
(VDD = 80 Vdc, ID = 6.0 Adc,
VGS = 5.0 Vdc, RG = 9.1 W)
td(on)
10.5
20
ns
Rise Time
tr
75
140
Turn−Off Delay Time
td(off)
26
40
Fall Time
tf
50
90
Total Gate Charge
(VDS = 80 Vdc, ID = 6.0 Adc,
VGS = 5.0 Vdc)
Qtot
11.3
20
nC
Gate−to−Source Charge
Qgs
1.9
Gate−to−Drain Charge
Qgd
7.4
BODY−DRAIN DIODE RATINGS (Note 4)
Diode Forward On−Voltage
(IS = 12 Adc, VGS = 0 Vdc)
(IS = 12 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.90
0.80
1.4
Vdc
Reverse Recovery Time
(IS = 12 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
80
ns
ta
50
tb
30
Reverse Recovery Stored Charge
QRR
0.240
mC
4. Indicates Pulse Test: P.W. = 300
ms max, Duty Cycle = 2%.
5. Switching characteristics are independent of operating junction temperature.
ORDERING INFORMATION
Device
Package
Shipping
NTD6600N
DPAK
75 Units/Rail
NTD6600N−1
DPAK−3
NTD6600N−1G
DPAK−3
(Pb−Free)
NTD6600NT4
DPAK
2500 Tape & Reel
NTD6600NT4G
DPAK
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD6600N-1

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
NTD60 EDI-NTD60 Datasheet
35Kb / 2P
   HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
logo
ON Semiconductor
NTD600N80S3Z ONSEMI-NTD600N80S3Z Datasheet
333Kb / 9P
   MOSFET ??Power, N-Channel, SUPERFET III 800 V, 600 m, 8 A
December, 2020 ??Rev. 0
NTD60N02R ONSEMI-NTD60N02R Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
NTD60N02R ONSEMI-NTD60N02R Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD60N02R-001 ONSEMI-NTD60N02R-001 Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
More results

Similar Description - NTD6600N-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD3055-094T4G ONSEMI-NVD3055-094T4G Datasheet
135Kb / 9P
   Power MOSFET 12 A, 60 V, N?묬hannel DPAK / IPAK
April, 2013 ??Rev. 8
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD4302 ONSEMI-NTD4302_10 Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4302T4G ONSEMI-NTD4302T4G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com