Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD6416AN Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD6416AN
Description  N-Channel Power MOSFET 100 V, 17 A, 81 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD6416AN Datasheet(HTML) 3 Page - ON Semiconductor

  NTD6416AN Datasheet HTML 1Page - ON Semiconductor NTD6416AN Datasheet HTML 2Page - ON Semiconductor NTD6416AN Datasheet HTML 3Page - ON Semiconductor NTD6416AN Datasheet HTML 4Page - ON Semiconductor NTD6416AN Datasheet HTML 5Page - ON Semiconductor NTD6416AN Datasheet HTML 6Page - ON Semiconductor NTD6416AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTD6416AN
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0
10
20
30
40
02
46
8
10
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
TJ = 25°C
10 V
7.5 V
6.5 V
6.0 V
5.5 V
5.0 V
0
5
10
15
20
25
23
45
67
8
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS w 10 V
TJ = 125°C
TJ = −55°C
TJ = 25°C
0.06
0.07
0.08
0.09
56789
10
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Region versus Gate Voltage
ID = 17 A
TJ = 25°C
0.00
0.05
0.10
0.25
0.15
10
20
812
TJ = 125°C
TJ = 175°C
VGS = 10 V
TJ = 25°C
TJ = −55°C
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0.5
1
1.5
2
2.5
3
−50 −25
0
25
50
75
100
125 150 175
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = 17 A
VGS = 10 V
10
1000
10000
10
20
30
40
50
60
70
80
90 100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
TJ = 125°C
TJ = 150°C
VGS = 0 V
0.10
0.11
4.5 V
30
35
40
0.20
14
16
18
100


Similar Part No. - NTD6416AN

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
NTD6416AN DOINGTER-NTD6416AN Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
ON Semiconductor
NTD6416AN ONSEMI-NTD6416AN Datasheet
235Kb / 8P
   MOSFET – Power, N-Channel 100 V, 17 A, 81 m
April, 2020 - Rev. 4
NTD6416AN-1G ONSEMI-NTD6416AN-1G Datasheet
235Kb / 8P
   MOSFET – Power, N-Channel 100 V, 17 A, 81 m
April, 2020 - Rev. 4
NTD6416ANL ONSEMI-NTD6416ANL Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m廓
October, 2009 ??Rev. 0
NTD6416ANL ONSEMI-NTD6416ANL Datasheet
122Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m
June, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com