Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5865NL-1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD5865NL-1G
Description  N-Channel Power MOSFET 60 V, 40 A, 16 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5865NL-1G Datasheet(HTML) 7 Page - ON Semiconductor

  NTD5865NL-1G Datasheet HTML 1Page - ON Semiconductor NTD5865NL-1G Datasheet HTML 2Page - ON Semiconductor NTD5865NL-1G Datasheet HTML 3Page - ON Semiconductor NTD5865NL-1G Datasheet HTML 4Page - ON Semiconductor NTD5865NL-1G Datasheet HTML 5Page - ON Semiconductor NTD5865NL-1G Datasheet HTML 6Page - ON Semiconductor NTD5865NL-1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NTD5865NL
http://onsemi.com
7
PACKAGE DIMENSIONS
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
12
3
4
V
S
A
K
--T--
SEATING
PLANE
R
B
F
G
D 3PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
------
3.93
------
IPAK
CASE 369D--01
ISSUE B
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent
rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur.
Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries,
affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury
or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an
Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800--282--9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81--3--5773--3850
NTD5865NL/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303--675--2175 or 800--344--3860 Toll Free USA/Canada
Fax: 303--675--2176 or 800--344--3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTD5865NL-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5865NL-1G ONSEMI-NTD5865NL-1G Datasheet
108Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD5865NL-1G VBSEMI-NTD5865NL-1G Datasheet
955Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTD5865NL-1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86520DC FAIRCHILD-FDMC86520DC Datasheet
282Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 60 V, 40 A, 6.3 m廓
logo
STMicroelectronics
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
   N-channel 40 V, 7.3 m廓, 40 A, DPAK STripFET??V Power MOSFET
logo
ON Semiconductor
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
   MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
   N-channel MOSFET 60 V, 82 A, 6.5 m廓
N0439N RENESAS-N0439N Datasheet
221Kb / 7P
   N-channel MOSFET 40 V, 90 A, 3.3 m廓
logo
Fairchild Semiconductor
FDMC86520L FAIRCHILD-FDMC86520L Datasheet
258Kb / 7P
   N-Channel Power Trench짰 MOSFET 60 V, 22 A, 7.9 m廓
FDMC8015L FAIRCHILD-FDMC8015L Datasheet
304Kb / 7P
   N-Channel Power Trench짰 MOSFET 40 V, 18 A, 26 m廓
logo
ON Semiconductor
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
   MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVD5C486NL ONSEMI-NVD5C486NL Datasheet
234Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
June, 2019-Rev. 0
logo
Fairchild Semiconductor
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com