Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5865NL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD5865NL
Description  N-Channel Power MOSFET 60 V, 40 A, 16 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5865NL Datasheet(HTML) 4 Page - ON Semiconductor

  NTD5865NL Datasheet HTML 1Page - ON Semiconductor NTD5865NL Datasheet HTML 2Page - ON Semiconductor NTD5865NL Datasheet HTML 3Page - ON Semiconductor NTD5865NL Datasheet HTML 4Page - ON Semiconductor NTD5865NL Datasheet HTML 5Page - ON Semiconductor NTD5865NL Datasheet HTML 6Page - ON Semiconductor NTD5865NL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTD5865NL
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
1600
1800
0
10
2030405060
Figure 7. Capacitance Variation
VDS, DRAIN--TO--SOURCE VOLTAGE (V)
TJ =25C
VGS =0 V
Ciss
Coss
Crss
0
2
4
6
8
10
0
5
10
15
20
25
30
Qgs
QT
Qgd
Figure 8. Gate--to--Source vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
VDS =48 V
ID =40 A
TJ =25C
1
10
100
1000
1
10
100
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (Ω)
VDD =48 V
ID =40 A
VGS =10 V
td(off)
td(on)
tr
tf
0
5
10
15
20
25
30
35
40
0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.00
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE--TO--DRAIN VOLTAGE (V)
TJ =25C
VGS =0 V
0.1
1
10
100
1000
0.1
1
10
100
VDS, DRAIN--TO--SOURCE VOLTAGE (V)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
10 ms
100 ms
1ms
dc
10 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS =10 V
SINGLE PULSE
TC =25C
0
5
10
15
20
25
30
35
40
25
50
75
100
125
150
TJ, STARTING JUNCTION TEMPERATURE
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
ID =27 A


Similar Part No. - NTD5865NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5865NL-1G ONSEMI-NTD5865NL-1G Datasheet
108Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD5865NL-1G VBSEMI-NTD5865NL-1G Datasheet
955Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
ON Semiconductor
NTD5865NLT4G ONSEMI-NTD5865NLT4G Datasheet
108Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD5865NLT4G VBSEMI-NTD5865NLT4G Datasheet
988Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
NTD5865NLT4G UMW-NTD5865NLT4G Datasheet
452Kb / 6P
   60V N -Channel MOSFET
More results

Similar Description - NTD5865NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86520DC FAIRCHILD-FDMC86520DC Datasheet
282Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 60 V, 40 A, 6.3 m廓
logo
STMicroelectronics
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
   N-channel 40 V, 7.3 m廓, 40 A, DPAK STripFET??V Power MOSFET
logo
ON Semiconductor
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
   MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
   N-channel MOSFET 60 V, 82 A, 6.5 m廓
N0439N RENESAS-N0439N Datasheet
221Kb / 7P
   N-channel MOSFET 40 V, 90 A, 3.3 m廓
logo
Fairchild Semiconductor
FDMC86520L FAIRCHILD-FDMC86520L Datasheet
258Kb / 7P
   N-Channel Power Trench짰 MOSFET 60 V, 22 A, 7.9 m廓
FDMC8015L FAIRCHILD-FDMC8015L Datasheet
304Kb / 7P
   N-Channel Power Trench짰 MOSFET 40 V, 18 A, 26 m廓
logo
ON Semiconductor
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
   MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVD5C486NL ONSEMI-NVD5C486NL Datasheet
234Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
June, 2019-Rev. 0
logo
Fairchild Semiconductor
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com