Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4959NH-1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD4959NH-1G
Description  Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4959NH-1G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD4959NH-1G Datasheet HTML 1Page - ON Semiconductor NTD4959NH-1G Datasheet HTML 2Page - ON Semiconductor NTD4959NH-1G Datasheet HTML 3Page - ON Semiconductor NTD4959NH-1G Datasheet HTML 4Page - ON Semiconductor NTD4959NH-1G Datasheet HTML 5Page - ON Semiconductor NTD4959NH-1G Datasheet HTML 6Page - ON Semiconductor NTD4959NH-1G Datasheet HTML 7Page - ON Semiconductor NTD4959NH-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD4959NH
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
2.9
°C/W
Junction−to−TAB (Drain)
RqJC−TAB
3.5
Junction−to−Ambient − Steady State (Note 1)
RqJA
74
Junction−to−Ambient − Steady State (Note 2)
RqJA
116
1. Surface−mounted on FR4 board using 1 in sq pad size, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
25
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
2.1
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.7
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 to
11.5 V
ID = 30 A
7.0
9.0
mW
ID = 15 A
7.0
VGS = 4.5 V
ID = 30 A
10.45
12.5
ID = 15 A
9.95
Forward Transconductance
gFS
VDS = 15 V, ID = 15 A
9.0
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 12 V
1596
2155
pF
Output Capacitance
Coss
331
447
Reverse Transfer Capacitance
Crss
190
294
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V,
ID = 30 A
12.5
15
nC
Threshold Gate Charge
QG(TH)
2.4
3.6
Gate−to−Source Charge
QGS
5.3
7.9
Gate−to−Drain Charge
QGD
5.1
7.7
Total Gate Charge
QG(TOT)
VGS = 11.5 V, VDS = 15 V,
ID = 30 A
29.3
44
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
12.0
18
ns
Rise Time
tr
20
30
Turn−Off Delay Time
td(off)
14
21
Fall Time
tf
5.0
7.5
Turn−On Delay Time
td(on)
VGS = 11.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
7.0
10.4
ns
Rise Time
tr
18
27
Turn−Off Delay Time
td(off)
22
33
Fall Time
tf
3.0
4.6
3. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD4959NH-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959N-1G ONSEMI-NTD4959N-1G Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959N-35G ONSEMI-NTD4959N-35G Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NT4G ONSEMI-NTD4959NT4G Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
More results

Similar Description - NTD4959NH-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4905N ONSEMI-NTD4905N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com