Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4815N-1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD4815N-1G
Description  Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4815N-1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTD4815N-1G Datasheet HTML 1Page - ON Semiconductor NTD4815N-1G Datasheet HTML 2Page - ON Semiconductor NTD4815N-1G Datasheet HTML 3Page - ON Semiconductor NTD4815N-1G Datasheet HTML 4Page - ON Semiconductor NTD4815N-1G Datasheet HTML 5Page - ON Semiconductor NTD4815N-1G Datasheet HTML 6Page - ON Semiconductor NTD4815N-1G Datasheet HTML 7Page - ON Semiconductor NTD4815N-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTD4815N
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
SWITCHING CHARACTERISTICS (Note 4)
Turn--On Delay Time
td(ON)
VGS =11.5 V, VDS =15 V,
ID =15 A, RG =3.0 Ω
6.3
ns
Rise Time
tr
17.6
Turn--Off Delay Time
td(OFF)
18.4
Fall Time
tf
2.3
DRAIN--SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS =0 V,
IS =30 A
TJ =25°C
1.0
1.2
V
TJ = 125°C
0.92
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS =30 A
15.3
ns
Charge Time
ta
8.7
Discharge Time
tb
6.6
Reverse Recovery Charge
QRR
5.5
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA =25°C
2.49
nH
Drain Inductance, DPAK
LD
0.0164
Drain Inductance, IPAK
LD
1.88
Gate Inductance
LG
3.46
Gate Resistance
RG
2.6
Ω
3. Pulse Test: pulse width ≤ 300 ms, duty cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD4815N-1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD4815N-1G VBSEMI-NTD4815N-1G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4815N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4815NH ONSEMI-NTD4815NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0
NVD4815N ONSEMI-NVD4815N Datasheet
168Kb / 8P
   30 V, 35 A, Single N?묬hannel, DPAK/IPAK
October, 2011 ??Rev. 7
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4810N ONSEMI-NTD4810N Datasheet
299Kb / 8P
   Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 8
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4805N ONSEMI-NTD4805N_V01 Datasheet
250Kb / 9P
   MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com