Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD78N03R-1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD78N03R-1
Description  Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD78N03R-1 Datasheet(HTML) 2 Page - ON Semiconductor

  NTD78N03R-1 Datasheet HTML 1Page - ON Semiconductor NTD78N03R-1 Datasheet HTML 2Page - ON Semiconductor NTD78N03R-1 Datasheet HTML 3Page - ON Semiconductor NTD78N03R-1 Datasheet HTML 4Page - ON Semiconductor NTD78N03R-1 Datasheet HTML 5Page - ON Semiconductor NTD78N03R-1 Datasheet HTML 6Page - ON Semiconductor NTD78N03R-1 Datasheet HTML 7Page - ON Semiconductor NTD78N03R-1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD78N03R
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
1.95
°C/W
Junction−to−Ambient − Steady State (Note 3)
RqJA
65
Junction−to−Ambient − Steady State (Note 4)
RqJA
110
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
25
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
10
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 20 V
TJ = 25°C
1.5
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
1.7
3.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
−5.3
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS =
10V to 11.5 V
ID = 30 A
5.0
5.8
mW
ID = 15 A
4.9
5.7
VGS = 4.5 V
ID = 30 A
7.5
9.0
ID = 15 A
7.2
8.5
Forward Transconductance
gFS
VDS = 15 V, ID = 10 A
23
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 12 V
1794
pF
Output Capacitance
Coss
882
Reverse Transfer Capacitance
Crss
373
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 20 V,
ID = 20 A
19.4
24
nC
Threshold Gate Charge
QG(TH)
0.8
Gate−to−Source Charge
QGS
2.9
Gate−to−Drain Charge
QGD
12.4
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 20 V,
ID = 20 A, RG = 2.5 W
11
ns
Rise Time
tr
75
Turn−Off Delay Time
td(off)
18
Fall Time
tf
17
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 30 A
TJ = 25°C
0.8
1.0
V
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 20 A
38
ns
Charge Time
ta
16.5
Discharge Time
tb
22
Reverse Recovery Time
QRR
31
nC
3. Surface−mounted on FR4 board using 1 in sq pad size, 1 oz Cu.
4. Surface−mounted on FR4 board using the minimum recommended pad size.
5. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD78N03R-1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD78N03R-1G VBSEMI-NTD78N03R-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD78N03R-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5803N ONSEMI-NVD5803N Datasheet
106Kb / 6P
   Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0
NTD78N03-35G ONSEMI-NTD78N03-35G Datasheet
76Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03-1G ONSEMI-NTD78N03-1G Datasheet
87Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03 ONSEMI-NTD78N03 Datasheet
83Kb / 8P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
116Kb / 7P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com