Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD70N03R-1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD70N03R-1
Description  Power MOSFET 72 A, 25 V, N-Channel DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD70N03R-1 Datasheet(HTML) 7 Page - ON Semiconductor

  NTD70N03R-1 Datasheet HTML 1Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 2Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 3Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 4Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 5Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 6Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NTD70N03R
http://onsemi.com
7
PACKAGE DIMENSIONS
DPAK
CASE 369D-01
ISSUE B
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
123
4
V
S
A
K
-T-
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
---
3.93
---
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800-282-9855 Toll Free
 USA/Canada
Europe, Middle East and Africa Technical Support:
 Phone: 421 33 790 2910
Japan Customer Focus Center
 Phone: 81-3-5773-3850
NTD70N03R/D
LITERATURE FULFILLMENT:
 Literature Distribution Center for ON Semiconductor
 P.O. Box 5163, Denver, Colorado 80217 USA
 Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
 Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
 Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTD70N03R-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD70N03R-1 ONSEMI-NTD70N03R-1 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD70N03R-1G ONSEMI-NTD70N03R-1G Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
VBsemi Electronics Co.,...
NTD70N03R-1G VBSEMI-NTD70N03R-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD70N03R-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD65N03R ONSEMI-NTD65N03R Datasheet
74Kb / 8P
   Power MOSFET 25 V, 65 A, Single N-Channel, DPAK
July, 2006 ??Rev. 3
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com