Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTA4153NT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTA4153NT1G
Description  Small Signal MOSFET 20 V, 915 mA, Single N?묬hannel with ESD Protection, SC??5 and SC??9
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTA4153NT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTA4153NT1G Datasheet HTML 1Page - ON Semiconductor NTA4153NT1G Datasheet HTML 2Page - ON Semiconductor NTA4153NT1G Datasheet HTML 3Page - ON Semiconductor NTA4153NT1G Datasheet HTML 4Page - ON Semiconductor NTA4153NT1G Datasheet HTML 5Page - ON Semiconductor NTA4153NT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTA4153N, NTE4153N
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
40
80
120
160
200
04
8
12
16
20
0
0.1
0.2
0.3
0.4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
ID, DRAIN CURRENT (AMPS)
TJ = 125°C
VGS = 2.5 V
TJ = −55°C
TJ = 25°C
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (AMPS)
TJ = 125°C
VGS = 4.5 V
TJ = −55°C
TJ = 25°C
Figure 4. On−Resistance vs. Drain Current and
Temperature
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 0.35 A
VGS = 4.5 V
Figure 6. Capacitance Variation
DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
VGS = 0 V
CISS
COSS
CRSS
2.0 V
VGS = 2.6 V to 5.0 V
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.4 V
1.6 V
1.8 V
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.4
0.8
1.2
1.6
2.0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
TJ = −55°C
TJ = 25°C
VDS w 10 V
TJ = 125°C


Similar Part No. - NTA4153NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4153NT1G ONSEMI-NTA4153NT1G Datasheet
77Kb / 6P
   Small Signal MOSFET
December, 2014 ??Rev. 7
More results

Similar Description - NTA4153NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
   Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
   Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
NTA4151P ONSEMI-NTA4151P Datasheet
72Kb / 6P
   Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
NVTA7002NT1G ONSEMI-NVTA7002NT1G Datasheet
105Kb / 5P
   30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC-75
October, 2012 ??Rev. 5
NTS4409N ONSEMI-NTS4409N Datasheet
65Kb / 6P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection, SC??0/SOT??23
January, 2006 ??Rev. 2
logo
First Silicon Co., Ltd
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com