Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-HC735RGB-156 Datasheet(PDF) 2 Page - Fox Electronics

Part # FXO-HC735RGB-156
Description  HCMOS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC735RGB-156 Datasheet(HTML) 2 Page - Fox Electronics

  FXO-HC735RGB-156 Datasheet HTML 1Page - Fox Electronics FXO-HC735RGB-156 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
for
ETHERNET Model: FXO-HC735RGB-156
DWG-100718 | Rev. 6/2/2010
Page 2 of 2
© 2010 FOX ELECTRONICS | ISO9001:2000 Certified | FOXONLINE
HCMOS 7 x 5mm
3.3V
50ppm
XO
Freq: 156.25MHz
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 3.3V.
TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 3.3V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Dimensional Drawing & Pad Layout
Phase Jitter & Time Interval Error (TIE) (Typical Measurements)
Frequency
Phase Jitter
(12kHz to 20MHz)
T I E
(Sigma of Jitter Distribution)
Units
156.25 MHz
0.77
3.3
pS RMS
Random & Deterministic Jitter Composition (Typical Measurements)
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
156.25 MHz
1.27
8.6
26.6 pS
Pin Functional Description
Pin #
Name
Type
Function
1
E / D
1
Logic
Enable / Disable Control of Output (0 = Disabled)
2
GND
Ground
Electrical Ground for VDD
3
Output
Output
HCMOS Oscillator Output
4
VDD
2
Power
Power Supply Source Voltage
T
est
P
oints
N. C.
Hi Z
No Connection (Factory Use ONLY)
NOTES:
1 Includes pull-up resistor to V
DD to provide output when the pin (1) is No Connect.
2 Installation should include a 0.01µF bypass capacitor placed between V
DD
(Pin 4) and GND (Pin 2) to minimize power supply line noise.
GND
E/D
HCMOS LOAD
(15 pF)
N C
# 4
# 3
# 2
# 1
OUT
0.01 F
DD
V
N C


Similar Part No. - FXO-HC735RGB-156

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC735RGB-125 FOX-FXO-HC735RGB-125 Datasheet
172Kb / 2P
   HCMOS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
More results

Similar Description - FXO-HC735RGB-156

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC735RGB-156 FOX-FXO-LC735RGB-156 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FXO-PC735RGB-156 FOX-FXO-PC735RGB-156 Datasheet
208Kb / 2P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FXO-HC735RGB-125 FOX-FXO-HC735RGB-125 Datasheet
172Kb / 2P
   HCMOS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-LC735RGB-125 FOX-FXO-LC735RGB-125 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-PC735RGB-125 FOX-FXO-PC735RGB-125 Datasheet
208Kb / 2P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-PC735RGB-312 FOX-FXO-PC735RGB-312 Datasheet
209Kb / 3P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 312.5MHz
FXO-LC735RGB-312 FOX-FXO-LC735RGB-312 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 312.5MHz
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com