Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS14T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS14T3
Description  12 V, 7.0 A, Low VCE(sat) NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS14T3 Datasheet(HTML) 1 Page - ON Semiconductor

  SS14T3 Datasheet HTML 1Page - ON Semiconductor SS14T3 Datasheet HTML 2Page - ON Semiconductor SS14T3 Datasheet HTML 3Page - ON Semiconductor SS14T3 Datasheet HTML 4Page - ON Semiconductor SS14T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2007
May, 2007 - Rev. 2
1
Publication Order Number:
NSS12501UW3/D
NSS12501UW3T2G
12 V, 7.0 A, Low VCE(sat)
NPN Transistor
ON Semiconductor's e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical applications are DC-DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU's control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
Features
This is a Pb-Free Device
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector‐Emitter Voltage
VCEO
12
Vdc
Collector‐Base Voltage
VCBO
12
Vdc
Emitter‐Base Voltage
VEBO
6.0
Vdc
Collector Current - Continuous
IC
5.0
Adc
Collector Current - Peak
ICM
7.0
A
Electrostatic Discharge
ESD
HBM Class 3B
MM Class C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation, TA = 25°C
Derate above 25
°C
PD (Note 1)
875
7.0
mW
mW/
°C
Thermal Resistance,
Junction-to-Ambient
RqJA (Note 1)
143
°C/W
Total Device Dissipation, TA = 25°C
Derate above 25
°C
PD (Note 2)
1.5
11.8
W
mW/
°C
Thermal Resistance,
Junction-to-Ambient
RqJA (Note 2)
85
°C/W
Thermal Resistance,
Junction-to-Lead #1
RqJL (Note 2)
23
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
-55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR-4 @ 100 mm2, 1 oz copper traces.
2. FR-4 @ 500 mm2, 1 oz copper traces.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
WDFN3
CASE 506AU
NSS12501UW3T2G
WDFN3
(Pb-Free)
3000/
Tape & Reel
12 VOLTS, 7.0 AMPS
NPN LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 31 mW
1
VF
= Specific Device Code
M
= Date Code
G
= Pb-Free Package
VF M
G
G
1
MARKING DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER
(Note: Microdot may be in either location)
2
3


Similar Part No. - SS14T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS14T3 ONSEMI-SS14T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Similar Description - SS14T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20501UW3T2G ONSEMI-NSS20501UW3T2G Datasheet
88Kb / 5P
   20 V, 7.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 2
NSS40501UW3T2G ONSEMI-NSS40501UW3T2G Datasheet
84Kb / 5P
   40 V, 7.0 A, Low VCE(sat) NPN Transistor
June, 2007 - Rev. 3
NSS12201LT1G ONSEMI-NSS12201LT1G Datasheet
131Kb / 5P
   12 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G Datasheet
102Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G Datasheet
103Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12601CF8T1G ONSEMI-NSS12601CF8T1G Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G Datasheet
61Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G_07 Datasheet
108Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G_07 Datasheet
106Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G_07 Datasheet
106Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com