Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0108PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0108PWR
Description  8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0108PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXB0108PWR Datasheet HTML 5Page - Texas Instruments TXB0108PWR Datasheet HTML 6Page - Texas Instruments TXB0108PWR Datasheet HTML 7Page - Texas Instruments TXB0108PWR Datasheet HTML 8Page - Texas Instruments TXB0108PWR Datasheet HTML 9Page - Texas Instruments TXB0108PWR Datasheet HTML 10Page - Texas Instruments TXB0108PWR Datasheet HTML 11Page - Texas Instruments TXB0108PWR Datasheet HTML 12Page - Texas Instruments TXB0108PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TXB0108
www.ti.com
SCES643B – NOVEMBER 2006 – REVISED FEBRUARY 2010
Operating Characteristics
TA = 25°C
VCCA
1.2 V
1.2 V
1.5 V
1.8 V
2.5 V
2.5 V
3.3 V
VCCB
PARAMETER
TEST CONDITIONS
UNIT
3.3 V
5 V
1.8 V
1.8 V
1.8 V
2.5 V
5 V
to
5 V
TYP
TYP
TYP
TYP
TYP
TYP
TYP
A-port input, B-port output
9
8
7
7
7
7
8
CL = 0, f = 10 MHz,
CpdA
B-port input, A-port output
12
11
11
11
11
11
11
tr = tf = 1 ns,
pF
OE = VCCA
A-port input, B-port output
35
26
27
27
27
27
28
CpdB
(outputs enabled)
B-port input, A-port output
26
19
18
18
18
20
21
A-port input, B-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.01
CL = 0, f = 10 MHz,
CpdA
B-port input, A-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.01
tr = tf = 1 ns,
pF
OE = GND
A-port input, B-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.03
CpdB
(outputs disabled)
B-port input, A-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.03
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXB0108


Similar Part No. - TXB0108PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0108PWR TI-TXB0108PWR Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108PWR TI-TXB0108PWR Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108PWR TI1-TXB0108PWR Datasheet
1Mb / 32P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
TXB0108PWR TI1-TXB0108PWR Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
TXB0108PWR TI-TXB0108PWR Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results

Similar Description - TXB0108PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_08 Datasheet
838Kb / 22P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
425Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com