Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3730 Datasheet(PDF) 3 Page - EPCOS

Part # B3730
Description  SAW RF filter Short range devices
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3730 Datasheet(HTML) 3 Page - EPCOS

  B3730_1 Datasheet HTML 1Page - EPCOS B3730_1 Datasheet HTML 2Page - EPCOS B3730_1 Datasheet HTML 3Page - EPCOS B3730_1 Datasheet HTML 4Page - EPCOS B3730_1 Datasheet HTML 5Page - EPCOS B3730_1 Datasheet HTML 6Page - EPCOS B3730_1 Datasheet HTML 7Page - EPCOS B3730_1 Datasheet HTML 8Page - EPCOS B3730_1 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
March 22, 2010
B3730
433.92 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –45 ˚C to +105 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
433.92
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements (QL = 47)
2.4
3.1
dB
excl. loss in matching elements
1.7
2.4
dB
Pass band (relative to
α
min)
433.78 ...
434.06 MHz
0.6
2.0
dB
433.74 ...
434.10 MHz
0.8
3.0
dB
433.70 ...
434.14 MHz
1.2
6.0
dB
Filter bandwidth
α
rel ≤ 3 dB
0.65
0.72
0.79
MHz
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
414.00 MHz
53
58
dB
414.00 ...
423.50 MHz
48
53
dB
423.50 ...
431.52 MHz
35
40
dB
431.52 ...
432.90 MHz
20
24
dB
432.90 ...
433.10 MHz
17
24
dB
434.92 ...
444.00 MHz
15
19
dB
444.00 ...
500.00 MHz
45
50
dB
500.00 ...
810.00 MHz
50
54
dB
810.00 ... 1500.00 MHz
60
65
dB
1500.00 ... 2500.00 MHz
55
60
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
250 || 2.9
Ω || pF
Output: ZOUT =ROUT || COUT
250 || 2.9
Ω || pF


Similar Part No. - B3730_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3730 EPCOS-B3730 Datasheet
84Kb / 6P
   SAW Components Low-loss Filter 433,92 MHz
More results

Similar Description - B3730_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3905 EPCOS-B3905 Datasheet
73Kb / 7P
   SAW RF filter Short range devices
B3725 EPCOS-B3725 Datasheet
77Kb / 8P
   SAW RF filter Short range devices
B3728 EPCOS-B3728 Datasheet
69Kb / 8P
   SAW RF filter Short range devices
B3729 EPCOS-B3729 Datasheet
70Kb / 8P
   SAW RF filter Short range devices
B3575 EPCOS-B3575_1 Datasheet
72Kb / 8P
   SAW RF filter Short range devices
B3576 EPCOS-B3576_1 Datasheet
83Kb / 8P
   SAW RF filter Short range devices
B3903 EPCOS-B3903 Datasheet
63Kb / 7P
   SAW RF filter Short range devices
B3907 EPCOS-B3907 Datasheet
71Kb / 7P
   SAW RF filter Short Range Devices
B3588 EPCOS-B3588_1 Datasheet
60Kb / 7P
   SAW RF filter Short range devices
B3726 EPCOS-B3726 Datasheet
64Kb / 7P
   SAW RF filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com