Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMH11N Datasheet(PDF) 2 Page - Micro Commercial Components

Part # UMH11N
Description  Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UMH11N Datasheet(HTML) 2 Page - Micro Commercial Components

  UMH11N Datasheet HTML 1Page - Micro Commercial Components UMH11N Datasheet HTML 2Page - Micro Commercial Components UMH11N Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
2 of 3
OUTPUT CURRENT : IO
(A)
Fig.1 Input voltage vs. output current
(ON characteristics)
100
µ 200µ 500µ 1m
2m
5m 10m
20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO=0.3V
Ta=
−40°C
25
°C
100
°C
INPUT VOLTAGE : VI (off)
(V)
Fig.2 Output current vs. input voltage
(OFF characteristics)
03
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1
1.5
2
2.5
VCC=5V
Ta=100
°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m
2m
5m 10m
20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
VO=5V
Fig.3 DC current gain vs. output
current
Ta=100
°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)
Fig.4 Output voltage vs. output
current
100
µ 200µ 500µ 1m 2m
5m 10m 20m 50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI=20
Ta=100
°C
25
°C
−40°C
Electrical characteristic curves
UMH11N
MCC
TM
Micro Commercial Components
Revision: 2
2008/12/31


Similar Part No. - UMH11N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
44Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
81Kb / 4P
   General purpose (dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMH11N SECOS-UMH11N Datasheet
482Kb / 2P
   NPN Mult i-Chip Built-in Resistors Transistor
logo
Micro Commercial Compon...
UMH11N MCC-UMH11N Datasheet
213Kb / 3P
   Digital Transistors
More results

Similar Description - UMH11N

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com