Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3L110PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS3L110PWR
Description  QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L110PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3L110PWR Datasheet HTML 6Page - Texas Instruments TS3L110PWR Datasheet HTML 7Page - Texas Instruments TS3L110PWR Datasheet HTML 8Page - Texas Instruments TS3L110PWR Datasheet HTML 9Page - Texas Instruments TS3L110PWR Datasheet HTML 10Page - Texas Instruments TS3L110PWR Datasheet HTML 11Page - Texas Instruments TS3L110PWR Datasheet HTML 12Page - Texas Instruments TS3L110PWR Datasheet HTML 13Page - Texas Instruments TS3L110PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TS3L110
QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH
DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
SCDS176 − SEPTEMBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
RL = 100 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
YA
S
E
IA0
VE
VS
VCC
VBIAS
CL = 10 pF
(see Note A)
NOTE A: CL includes probe and jig capacitance.
Figure 7. Test Circuit for Frequency Response (BW)
Frequency response is measured at the output of the ON channel. For example, when VS = 0, VE = 0, and YA is the
input, the output is measured at IA0. All unused analog I/O ports are left open.
HP8753ES setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBm


Similar Part No. - TS3L110PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L110PWR TI-TS3L110PWR Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
More results

Similar Description - TS3L110PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L110 TI-TS3L110 Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
Texas Instruments
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com