Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK1102ERGER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1102ERGER
Description  11.3-Gbps Dual-Channel Cable and PC Board Equalizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1102ERGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK1102ERGER Datasheet HTML 2Page - Texas Instruments TLK1102ERGER Datasheet HTML 3Page - Texas Instruments TLK1102ERGER Datasheet HTML 4Page - Texas Instruments TLK1102ERGER Datasheet HTML 5Page - Texas Instruments TLK1102ERGER Datasheet HTML 6Page - Texas Instruments TLK1102ERGER Datasheet HTML 7Page - Texas Instruments TLK1102ERGER Datasheet HTML 8Page - Texas Instruments TLK1102ERGER Datasheet HTML 9Page - Texas Instruments TLK1102ERGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TERMINAL FUNCTIONS - PIN CONTROL MODE 2
TLK1102E
SLLS958 – MARCH 2009 ................................................................................................................................................................................................... www.ti.com
PIN
SYMBOL
TYPE
DESCRIPTION
19
LOSA
digital-out
High level indicates that the input signal amplitude on INA+/INA- is below the programmed
threshold level. Open drain. Requires an external 10k
Ω pull-up resistor to VCC for proper
operation.
20
DISA
digital-in
Disables CML output stage for OUTA+ and OUTA- when set to high level. Internally pulled
down.
21
SWG
three-state
OUTA, OUTB swing control. Tie to VCC for 1200mVp-p swing, tie to GND for 225mVp-p swing, or
pull down with a 1.8M
Ω resistor for 600mVp-p swing.
22
POLA
digital-in
Output data signal polarity select for OUTB+/OUTB- pins. Internally pulled up. Set to high level
or leave open for normal polarity. Set to low level for inverted polarity.
23, 24
LN1, LN0
digital-in
Equalization level setting. Internally pulled up. Each pin supports two logic levels: high and low –
four settings in the following low to high equalization order: LN1=LN0=0; LN1=0 LN0=1; LN1=1
LN0=0; LN1=LN0=1
EP
EP
Exposed die pad (EP) must be grounded.
Pin descriptions for the TLK1102E in a 4-mm x 4-mm 24-pin QFN package when the device is set for Pin Control
Mode 2. This mode is selected through pulling down the MODE pin (pin 10) with a 1.8-M
Ω resistor.
PIN
SYMBOL
TYPE
DESCRIPTION
1, 2
INA+, INA-
analog-in
First pair of differential data inputs. Each pin is on-chip 50
Ω terminated to VCC.
3, 4
GND
supply
Circuit ground.
5, 6
INB+, INB-
analog-in
Second pair of differential data inputs. Each pin is on-chip 50
Ω terminated to VCC.
7
DEA
analog-in
Output signal de-emphasis control for OUTA. A 0 to 1.2-V controlling voltage on this pin adjusts
output de-emphasis on OUTA+/OUTA- pins from 0 to 7dB.
8
DEB
analog-in
Output signal de-emphasis control for OUTB. A 0 to 1.2-V controlling voltage on this pin adjusts
output de-emphasis on OUTB+/OUTB- pins from 0 to 7dB.
9
POLB
digital-in
Output data signal polarity select for OUTB+/OUTB- pins. Internally pulled up. Set to high level
or leave open for normal polarity. Set to low level for inverted polarity.
10
MODE
three-state
Device control mode select. Pull down with a 1.8M
Ω resistor for pin control mode 2.
11
DISB
digital-in
Disables CML output stage for OUTB+ and OUTB- when set to high level. Internally pulled
down.
12
LOSB
digital-out
High level indicates that the input signal amplitude on INB+/INB- is below the programmed
threshold level. Open drain. Requires an external 10k
Ω pull-up resistor to VCC for proper
operation.
13, 14
OUTB-, OUTB+
analog-out
Second pair of differential data outputs. Each pin is on-chip 50
Ω terminated to VCC.
15, 16
VCC
supply
3.3V ± 10% supply voltage.
17, 18
OUTA-, OUTA+
analog-out
First pair of differential data outputs. Each pin is on-chip 50
Ω terminated to VCC.
19
LOSA
digital-out
High level indicates that the input signal amplitude on INA+/INA- is below the programmed
threshold level. Open drain. Requires an external 10k
Ω pull-up resistor to VCC for proper
operation.
20
DISA
digital-in
Disables CML output stage for OUTA+ and OUTA- when set to high level. Internally pulled
down.
21
SWG
three-state
OUTA, OUTB swing control. Tie to VCC for 1200mVp-p swing, tie to GND for 225mVp-p swing,
or pull down with a 1.8M
Ω resistor for 600mVp-p swing.
22
POLA
digital-in
Output data signal polarity select for OUTB+/OUTB- pins. Internally pulled up. Set to high level
or leave open for normal polarity. Set to low level for inverted polarity.
23
LNA
three-state
Equalization level setting. Supports three equalization settings. Tie to VCC for high setting, tie
to GND for low setting, or pull down with 1.8M
Ω resistor for medium setting. Internally tied to
VCC/2.
24
LNB
three-state
Equalization level setting. Supports three equalization settings. Tie to VCC for high setting, tie
to GND for low setting, or pull down with 1.8M
Ω resistor for medium setting. Internally tied to
VCC/2.
EP
EP
Exposed die pad (EP) must be grounded.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLK1102E


Similar Part No. - TLK1102ERGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1102ERGER TI-TLK1102ERGER Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
More results

Similar Description - TLK1102ERGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
SN65LVCP1412 TI-SN65LVCP1412 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
logo
Analog Devices
HMC6545 AD-HMC6545 Datasheet
1Mb / 23P
   32 Gbps Dual Channel Advanced Linear Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com