Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK1102E Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1102E
Description  11.3-Gbps Dual-Channel Cable and PC Board Equalizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1102E Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK1102E Datasheet HTML 4Page - Texas Instruments TLK1102E Datasheet HTML 5Page - Texas Instruments TLK1102E Datasheet HTML 6Page - Texas Instruments TLK1102E Datasheet HTML 7Page - Texas Instruments TLK1102E Datasheet HTML 8Page - Texas Instruments TLK1102E Datasheet HTML 9Page - Texas Instruments TLK1102E Datasheet HTML 10Page - Texas Instruments TLK1102E Datasheet HTML 11Page - Texas Instruments TLK1102E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TLK1102E
SLLS958 – MARCH 2009 ................................................................................................................................................................................................... www.ti.com
AC ELECTRICAL CHARACTERISTICS (continued)
Typical operating condition is at VCC = 3.3V and TA = 25°C. Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIS = Low, SWG = Low, VIN = 400mVp-p,
150
225
350
no de-emphasis, no interconnect loss.
Differential data output voltage
DIS = Low, SWG = 600mVp-p setting, VIN = 400mVp-p,
VOD
400
600
800
mVp-p
swing
no de-emphasis, no interconnect loss.
DIS = Low, SWG = High, VIN = 400mVp-p,
800
1200
1600
no de-emphasis, no interconnect loss.
DIS = Low, SWG = Low, VIN = 400mVp-p,
no de-emphasis, no interconnect loss, 50
Ω to VCC
VCC-0.12
VCC-0.08
VCC-0.04
output termination.
DIS = Low, SWG = 600mVp-p setting, VIN = 400mVp-p,
VCM,OUT
Data output common-mode voltage
no de-emphasis, no interconnect loss, 50
Ω to VCC
VCC-0.29
VCC-0.205
VCC-0.12
V
output termination.
DIS = Low, SWG = High, VIN = 400mVp-p,
no de-emphasis, no interconnect loss, 50
Ω to VCC
VCC-0.65
VCC-0.45
VCC-0.25
output termination.
DIS = Low, SWG = 600mVp-p setting, K28.5 pattern at
VCM,RIP
Common-mode output ripple
11.3Gbps, no interconnect loss, 600mV on DE pin, VIN =
2
5
mVRMS
1600mVp-p.
DIS = High, K28.5 pattern at 11.3Gbps, no interconnect
VOD,RIP
Differential output ripple
15
20
mVp-p
loss, VIN = 1600mVp-p.
K28.5 pattern at 11.3Gbps on both channels, no
interconnect loss,
0
VIN = 400mVp-p, SWG = 600mVp-p setting, no
de-emphasis.
DE
Output de-emphasis
dB
K28.5 pattern at 11.3Gbps on both channels, no
interconnect loss,
7
VIN = 400mVp-p, SWG = 600mVp-p setting, maximum
de-emphasis level.
K28.5 pattern at 11.3Gbps on both channels, 10m
28AWG cable (27dB loss at 5.65GHz),
8
VIN = 400mVp-p, SWG = 600mVp-p setting, 600mV on DE
pin, maximum interconnect length setting.
DJ
Deterministic jitter
psp-p
K28.5 pattern at 11.3Gbps on both channels, 15m
24AWG cable (29dB loss at 5.65GHz),
12
VIN = 400mVp-p, SWG = 600mVp-p setting, 600mV on DE
pin, maximum interconnect length setting.
K28.5 pattern at 11.3Gbps on both channels, 10m
28AWG cable (27dB loss at 5.65GHz),
1.2
VIN = 400mVp-p, SWG = 600mVp-p setting, 600mV on DE
pin, maximum interconnect length setting.
RJ
Random jitter
psRMS
K28.5 pattern at 11.3Gbps on both channels, 15m
24AWG cable (29dB loss at 5.65GHz),
1.4
VIN = 400mVp-p, SWG = 600mVp-p setting, 600mV on DE
pin, maximum interconnect length setting.
Channel A: K28.5 pattern at 11.3Gbps, 15m 24AWG
cable (29dB loss at 5.65GHz), VIN = 600mVp-p, Register
2 = 10h (offset cancellation OFF), Register 3 = 01h
(equalizer filter 1 OFF), Register 4 = 66h (680mVpp
output swing, 3.3dB output de-emphasis);
JPXT
Crosstalk jitter penalty
3
psp-p
Channel B: Repeated 1010 pattern at 11.3Gbps, no
interconnect line loss, VIN = 600mVp-p, Register 6 = 10h
(offset cancellation OFF), Register 7 = 0Fh (all equalizer
filters OFF), Register 8 = F6h (680mVpp output swing,
7dB output de-emphasis);
20% to 80%, No interconnect line,
tR
Output rise time
VIN = 400mVp-p, SWG = 600mVp-p setting, no
28
de-emphasis
ps
20% to 80%, no interconnect loss,
tF
Output fall time
VIN = 400mVp-p, SWG = 600mVp-p setting, no
28
de-emphasis
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLK1102E


Similar Part No. - TLK1102E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102ERGER TI-TLK1102ERGER Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102ERGET TI-TLK1102ERGET Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
More results

Similar Description - TLK1102E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
SN65LVCP1412 TI-SN65LVCP1412 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
logo
Analog Devices
HMC6545 AD-HMC6545 Datasheet
1Mb / 23P
   32 Gbps Dual Channel Advanced Linear Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com