Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C2550RHBRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL16C2550RHBRG4
Description  1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C2550RHBRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TL16C2550RHBRG4 Datasheet HTML 1Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 2Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 3Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 4Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 5Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 6Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 7Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 8Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
www.ti.com
DEVICE INFORMATION
TL16C2550
SLWS161D – JUNE 2005 – REVISED OCTOBER 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
PFB NO.
FN NO.
RHB NO.
A0
28
31
20
I
Address 0 select bit. Internal registers address selection
A1
27
30
19
I
Address 1 select bit. Internal registers address selection
A2
26
29
18
I
Address 2 select bit. Internal registers address selection
Carrier detect (active low). These inputs are associated with individual
UART channels A and B. A low on these pins indicates that a carrier has
CDA, CDB
40, 16
42, 21
I
been detected by the modem for that channel. The state of these inputs is
reflected in the modem status register (MSR).
Chip select A and B (active low). These pins enable data transfers between
the user CPU and the TL16C2550 for the channel(s) addressed. Individual
CSA, CSB
10, 11
16, 17
7, 8
I
UART sections (A, B) are addressed by providing a low on the respective
CSA and CSB pins.
Clear to send (active low). These inputs are associated with individual
UART channels A and B. A logic low on the CTS pins indicates the modem
CTSA,
or data set is ready to accept transmit data from the 2550. Status can be
38, 23
40, 28
25, 16
I
CTSB
tested by reading MSR bit 4. These pins only affect the transmit and
receive operations when auto CTS function is enabled through the
enhanced feature register (EFR) bit 7, for hardware flow control operation.
D0-D4
44 - 48
2 - 6
27 - 31
Data bus (bidirectional). These pins are the eight bit, 3-state data bus for
transferring information to or from the controlling CPU. D0 is the least
I/O
significant bit and the first data bit in a transmit or receive serial data
D5-D7
1 - 3
7 - 9
32, 1, 2
stream.
Data set ready (active low). These inputs are associated with individual
DSRA,
UART channels A and B. A logic low on these pins indicates the modem or
39, 20
41, 25
I
DSRB
data set is powered on and is ready for data exchange with the UART. The
state of these inputs is reflected in the modem status register (MSR).
Data terminal ready (active low). These outputs are associated with
individual UART channels A and B. A logic low on these pins indicates that
DTRA,
theTLl16C2550 is powered on and ready. These pins can be controlled
34, 35
37, 38
O
DTRB
through the modem control register. Writing a 1 to MCR bit 0 sets the DTR
output to low, enabling the modem. The output of these pins is high after
writing a 0 to MCR bit 0, or after a reset.
GND
17
22
13
Signal and power ground.
Interrupt A and B (active high). These pins provide individual channel
interrupts, INT A and B. INT A and B are enabled when MCR bit 3 is set to
INTA,
a logic 1, interrupt sources are enabled in the interrupt enable register
30, 29
33, 32
22, 21
O
INTB
(IER). Interrupt conditions include: receiver errors, available receiver buffer
data, available transmit buffer space or when a modem status flag is
detected. INTA-B are in the high-impedance state after reset.
Read input (active low strobe). A high to low transition on IOR will load the
IOR
19
24
14
I
contents of an internal register defined by address bits A0-A2 onto the
TL16C2550 data bus (D0-D7) for access by an external CPU.
Write input (active low strobe). A low to high transition on IOW will transfer
IOW
15
20
12
I
the contents of the data bus (D0-D7) from the external CPU to an internal
register that is defined by address bits A0-A2 and CSA and CSB
12, 24, 25,
NC
9, 17
No internal connection
37
User defined outputs. This function is associated with individual channels A
and B. The state of these pins is defined by the user through the software
settings of the MCR register, bit 3. INTA-B are set to active mode and OP
OPA, OPB
32, 9
35, 15
O
to a logic 0 when the MCR-3 is set to a logic 1. INTA-B are set to the
3-state mode and OP to a logic 1 when MCR-3 is set to a logic 0. See bit 3,
modem control register (MCR bit 3). The output of these two pins is high
after reset.
Reset. RESET will reset the internal registers and all the outputs. The
UART transmitter output and the receiver input will be disabled during reset
RESET
36
39
24
I
time. See TL16C2550 external reset conditions for initialization details.
RESET is an active-high input.
4
Submit Documentation Feedback


Similar Part No. - TL16C2550RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI1-TL16C2550 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFB TI-TL16C2550IPFB Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBR TI-TL16C2550IPFBR Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

Similar Description - TL16C2550RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI-TL16C2752 Datasheet
340Kb / 25P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com