Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP5010W-BP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MP5010W-BP
Description  50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MP5010W-BP Datasheet(HTML) 1 Page - Micro Commercial Components

  MP5010W-BP Datasheet HTML 1Page - Micro Commercial Components MP5010W-BP Datasheet HTML 2Page - Micro Commercial Components MP5010W-BP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MP5005W
THRU
MP5010W
50 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MP5005W MP5005W
50V
35V
50V
MP501W
MP501W
100V
70V
100V
MP502W
MP502W
200V
140V
200V
MP504W
MP504W
400V
280V
400V
MP506W
MP506W
600V
420V
600V
MP508W
MP508W
800V
560V
800V
MP5010W MP5010W
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
50.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 25A per
element;
TJ = 25
°C (Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1.0mA
TJ = 25
°C
TJ = 100
°C
Mounting Hole For #8 Screw
Plastic Case with Metal Bottom
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 8
2008/01/30
MP-50W
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.118
1.130
28.40
28.70
B
.432
.442
10.97
11.23
C
.769
---
19.53
---
D
.673
.752
17.10
19.10
E
.038
.042
.97
1.07
4PL/TYP
G
.193
---
4.90
---
H
.429
.468
10.90
11.90
i
.169
.236
4.30
6.00
B
C
D
+
-
A
AC
G
A
H
D
I
I
AC
TM
Micro Commercial Components
Typical Thermal
Resistance
RthJC
1.6
°C/W
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of 3
Per Leg
E
Any Mounting Position
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
UL Recognized File # E165989


Similar Part No. - MP5010W-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP5010W MCC-MP5010W Datasheet
74Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
RFE international
MP5010W RFE-MP5010W Datasheet
508Kb / 2P
   BRIDGE RECTIFIERS 35 to 50 Amps
logo
Micro Commercial Compon...
MP5010W MCC-MP5010W Datasheet
398Kb / 3P
   50 Amp Single Phase Glass Passivated Chip Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP5010W-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005_16 Datasheet
223Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W Datasheet
74Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
2W005 MCC-2W005 Datasheet
78Kb / 2P
   2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
KBPC2500S MCC-KBPC2500S Datasheet
87Kb / 2P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com