Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C2550IPFB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C2550IPFB
Description  1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C2550IPFB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL16C2550IPFB Datasheet HTML 6Page - Texas Instruments TL16C2550IPFB Datasheet HTML 7Page - Texas Instruments TL16C2550IPFB Datasheet HTML 8Page - Texas Instruments TL16C2550IPFB Datasheet HTML 9Page - Texas Instruments TL16C2550IPFB Datasheet HTML 10Page - Texas Instruments TL16C2550IPFB Datasheet HTML 11Page - Texas Instruments TL16C2550IPFB Datasheet HTML 12Page - Texas Instruments TL16C2550IPFB Datasheet HTML 13Page - Texas Instruments TL16C2550IPFB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
TL16C2550
SLWS161D – JUNE 2005 – REVISED OCTOBER 2006
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
5 V ±10%
MIN
NOM
MAX
UNIT
VIH
High-level input voltage
All except XTAL1, XTAL2
2
V
XTAL1, XTAL2
0.7VCC
VIL
Low-level input voltage
All except XTAL1, XTAL2
0.8
V
XTAL1, XTAL2
0.3VCC
VO
Output voltage
0
VCC
V
IOH
High-level output current (all outputs)
4
mA
IOL
Low-level output current (all outputs)
4
mA
Oscillator/clock speed
24
MHz
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
1.8 V Nominal
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output voltage(2)
IOH = -0.5 mA
1.3
V
VOL
Low-level output voltage(2)
IOL = 1 mA
0.5
V
II
Input current
VCC = 1.98 V, VSS = 0, VI = 0 to
10
µA
1.98 V, All other terminals floating
IOZ
High-impedance-state output current VCC = 1.98 V, VSS = 0, VI = 0 to
±20
µA
1.98 V, Chip slected in write mode
or chip deselcted
ICC
Supply current
VCC = 1.98 V, TA = 0°C, RXA, RXB,
1.5
mA
DSRA, DSRB, CDA, CDB, CTSA,
CTSB, RIA, and RIB at 1.4 V, All
other inputs at 0.4 V, XTAL1 at 10
MHz, No load on outputs
Ci(CLK)
Clock input impedance
15
20
pF
VCC = 0, VSS = 0, f = 1 MHz,
CO(CLK)
Clock output impedance
20
30
pF
TA = 25°C, All other terminals
CI
Input impedance
6
10
pF
grounded
CO
Output impedance
10
20
pF
(1)
All typical values are at VCC = 1.8 V and TA = 25°C.
(2)
These parameters apply for all outputs except XTAL2.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
2.5 V Nominal
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output voltage(2)
IOH = -1 mA
1.8
V
VOL
Low-level output voltage(2)
IOL = 2 mA
0.5
V
II
Input current
VCC = 2.75 V, VSS = 0, VI = 0 to
10
µA
2.75 V, All other terminals floating
IOZ
High-impedance-state output current VCC = 2.75 V, VSS = 0, VI = 0 to
±20
µA
2.75 V, Chip slected in write mode
or chip deselcted
ICC
Supply current
VCC = 2.75 V, TA = 0°C, RXA, RXB,
2.5
mA
DSRA, DSRB, CDA, CDB, CTSA,
CTSB, RIA, and RIB at 1.8 V, All
other inputs at 0.6 V, XTAL1 at 16
MHz, No load on outputs
(1)
All typical values are at VCC = 2.5 V and TA = 25°C.
(2)
These parameters apply for all outputs except XTAL2.
ADDED SPACE
10
Submit Documentation Feedback


Similar Part No. - TL16C2550IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2550IPFB TI-TL16C2550IPFB Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBR TI-TL16C2550IPFBR Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBRQ1 TI1-TL16C2550IPFBRQ1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

Similar Description - TL16C2550IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI-TL16C2752 Datasheet
340Kb / 25P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com