Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3717 Datasheet(PDF) 3 Page - EPCOS

Part # B3717
Description  SAW RF filter Short range devices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3717 Datasheet(HTML) 3 Page - EPCOS

  B3717 Datasheet HTML 1Page - EPCOS B3717 Datasheet HTML 2Page - EPCOS B3717 Datasheet HTML 3Page - EPCOS B3717 Datasheet HTML 4Page - EPCOS B3717 Datasheet HTML 5Page - EPCOS B3717 Datasheet HTML 6Page - EPCOS B3717 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
February 29, 2008
B3717
866.50 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
866.50
MHz
Maximum insertion attenuation
α
max
865.00 ...
868.00 MHz
2.1
2.9
dB
863.00 ...
870.00 MHz
2.2
3.8
dB
Amplitude ripple (p-p)
∆α
865.00 ...
868.00 MHz
0.1
1.1
dB
863.00 ...
870.00 MHz
0.2
2.0
dB
Attenuation
α
10.00 ...
830.00 MHz
40
44
dB
830.00 ...
845.00 MHz
32
40
dB
880.00 ...
884.00 MHz
20
38
dB
884.00 ...
887.00 MHz
36
54
dB
887.00 ...
965.00 MHz
48
52
dB
965.00 ... 1500.00 MHz
42
45
dB


Similar Part No. - B3717

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3717 EPCOS-B3717 Datasheet
51Kb / 7P
   SAW Components SAW filter 866.50 MHz
More results

Similar Description - B3717

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3905 EPCOS-B3905 Datasheet
73Kb / 7P
   SAW RF filter Short range devices
B3725 EPCOS-B3725 Datasheet
77Kb / 8P
   SAW RF filter Short range devices
B3728 EPCOS-B3728 Datasheet
69Kb / 8P
   SAW RF filter Short range devices
B3729 EPCOS-B3729 Datasheet
70Kb / 8P
   SAW RF filter Short range devices
B3730 EPCOS-B3730_1 Datasheet
94Kb / 11P
   SAW RF filter Short range devices
B3575 EPCOS-B3575_1 Datasheet
72Kb / 8P
   SAW RF filter Short range devices
B3576 EPCOS-B3576_1 Datasheet
83Kb / 8P
   SAW RF filter Short range devices
B3903 EPCOS-B3903 Datasheet
63Kb / 7P
   SAW RF filter Short range devices
B3907 EPCOS-B3907 Datasheet
71Kb / 7P
   SAW RF filter Short Range Devices
B3588 EPCOS-B3588_1 Datasheet
60Kb / 7P
   SAW RF filter Short range devices
B3726 EPCOS-B3726 Datasheet
64Kb / 7P
   SAW RF filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com