Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMST5551-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMST5551-TP
Description  NPN Small Signal Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMST5551-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  MMST5551-TP Datasheet HTML 1Page - Micro Commercial Components MMST5551-TP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMST5551
NPN Small Signal
Transistors
Features
Power dissipation: 200mW (Tamb=25 )
Collector current: 0.2A
Marking : K4N
Operating and Storage junction temperature range
-55
to + 150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS (2)
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
160
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
180
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10uAdc, IC=0)
5.0
---
Vdc
ICEO
Collector Cutoff Current
(VCB=35Vdc, IE=0Vdc)
---
50
nAdc
IEBO
Emitter Cutoff Current
(VEB=5Vdc, IC=0Vdc)
---
50
nAdc
hFE
DC Current Gain
(IC=1mAdc, VCE=5Vdc)
(IC=10mAdc, VCE=5Vdc)
(IC=50mAdc, VCE=5Vdc)
80
80
30
---
250
---
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1mAdc)
(IC=50mAdc, IB=5mAdc)
---
---
0.15
0.2
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1mAdc)
(IC=50mAdc, IB=5mAdc)
---
---
1
1
Vdc
fT
Current Gain-Bandwidth Product
(VCE=10Vdc, IC=20mAdc, f=100MHz)
100
300
MHz
Cob
Output Capacitance
(VCB=10Vdc, f=1.0MHz, IE=0)
---
6
pF
NF
Noise Figure
(VCE=5V, IC=0.2mA, f=1KHz, Rg=10
¡)
---
8
dB
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 3
2008/01/01
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 2
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1


Similar Part No. - MMST5551-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST5551-7-F DIODES-MMST5551-7-F Datasheet
208Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30173 Rev. 7 - 2
MMST5551-7-F DIODES-MMST5551-7-F Datasheet
125Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
More results

Similar Description - MMST5551-TP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4124 GE-2N4124 Datasheet
210Kb / 5P
   Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
   Small Signal Transistors (NPN)
2N3904 GE-2N3904 Datasheet
112Kb / 3P
   SMALL SIGNAL TRANSISTORS NPN
BC546 GE-BC546 Datasheet
263Kb / 6P
   Small Signal Transistors (NPN)
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
June 1997
logo
Micro Commercial Compon...
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
   NPN Small Signal Transistors
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
   NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
   NPN Small Signal Transistors
logo
General Semiconductor
MMBT3904 GE-MMBT3904 Datasheet
136Kb / 3P
   Small Signal Transistors (NPN)
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
   SMALL SIGNAL TRANSISTORS (NPN)
MPSA42 GE-MPSA42 Datasheet
38Kb / 2P
   Small Signal Transistors (NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com