Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV324QDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324QDRG4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324QDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  LMV324QDRG4 Datasheet HTML 1Page - Texas Instruments LMV324QDRG4 Datasheet HTML 2Page - Texas Instruments LMV324QDRG4 Datasheet HTML 3Page - Texas Instruments LMV324QDRG4 Datasheet HTML 4Page - Texas Instruments LMV324QDRG4 Datasheet HTML 5Page - Texas Instruments LMV324QDRG4 Datasheet HTML 6Page - Texas Instruments LMV324QDRG4 Datasheet HTML 7Page - Texas Instruments LMV324QDRG4 Datasheet HTML 8Page - Texas Instruments LMV324QDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
FEATURES
DESCRIPTION/
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN–
1IN+
VCC+
2IN+
2IN–
2OUT
4OUT
4IN–
4IN+
GND
3IN+
3IN–
3OUT
LMV324 . . . D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)
LMV358 . . . D (SOIC), DDU (VSSOP),
DGK (MSOP), OR PW (TSSOP) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN+
GND
VCC+
2OUT
2IN–
2IN+
LMV321 . . . DBV (SOT-23) OR DCK (SC-70) PACKAGE
(TOP VIEW)
VCC+
OUT
1
2
3
5
4
1IN+
GND
1IN–
1OUT
1IN–
1IN+
VCC
2IN+
2IN–
2OUT
1/2 SHDN
4OUT
4IN–
4IN+
GND
3IN+
3IN–
3OUT
3/4 SHDN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LMV324S . . . D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263T – AUGUST 1999 – REVISED SEPTEMBER 2007
www.ti.com
• 2.7-V and 5-V Performance
• –40°C to 125°C Operation
• Low-Power Shutdown Mode (LMV324S)
• No Crossover Distortion
• Low Supply Current
LMV321 . . . 130
μA Typ
LMV358 . . . 210
μA Typ
LMV324 . . . 410
μA Typ
LMV324S . . . 410
μA Typ
• Rail-to-Rail Output Swing
• ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
1000-V Charged-Device Model (C101)
ORDERING INFORMATION
The LMV321, LMV358, and LMV324/LMV324S are
single, dual, and quad low-voltage (2.7 V to 5.5 V)
operational amplifiers with rail-to-rail output swing.
The LMV324S, which is a variation of the standard
LMV324, includes a power-saving shutdown feature
that reduces supply current to a maximum of 5
μA
per channel when the amplifiers are not needed.
Channels 1 and 2 together are put in shutdown, as
are channels 3 and 4. While in shutdown, the outputs
actively are pulled low.
The LMV321, LMV358, LMV324, and LMV324S are
the most cost-effective solutions for applications
where low-voltage operation, space saving, and low
cost are needed. These amplifiers are designed
specifically for low-voltage (2.7 V to 5 V) operation,
with performance specifications meeting or exceeding
the LM358 and LM324 devices that operate from 5 V
to 30 V. Additional features of the LMV3xx devices
are
a
common-mode
input
voltage
range
that
includes ground, 1-MHz unity-gain bandwidth, and
1-V/
μs slew rate.
The LMV321 is available in the ultra-small DCK
(SC-70) package, which is approximately one-half the
size of the DBV (SOT-23) package. This package
saves space on printed circuit boards and enables
the design of small portable electronic devices. It also
allows the designer to place the device closer to the
signal source to reduce noise pickup and increase
signal integrity.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV324QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV324QDRG4 TI-LMV324QDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QDRG4 TI-LMV324QDRG4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QDRG4 TI-LMV324QDRG4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324QDRG4 TI1-LMV324QDRG4 Datasheet
2Mb / 48P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV324QDRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com