Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39212B3669U410 Datasheet(PDF) 4 Page - EPCOS

Part # B39212B3669U410
Description  SAW Tx filter W-CDMA IF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39212B3669U410 Datasheet(HTML) 4 Page - EPCOS

  B39212B3669U410 Datasheet HTML 1Page - EPCOS B39212B3669U410 Datasheet HTML 2Page - EPCOS B39212B3669U410 Datasheet HTML 3Page - EPCOS B39212B3669U410 Datasheet HTML 4Page - EPCOS B39212B3669U410 Datasheet HTML 5Page - EPCOS B39212B3669U410 Datasheet HTML 6Page - EPCOS B39212B3669U410 Datasheet HTML 7Page - EPCOS B39212B3669U410 Datasheet HTML 8Page - EPCOS B39212B3669U410 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
March 12, 2010
B3669
2140.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Tx filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Nominal frequency
fN
2140,0
MHz
Maximum insertion attenuation
α
max
2110,0 ... 2170,0 MHz
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
2110,0 ... 2170,0 MHz
1,2
1,8
dB
Return loss
2110,0 ... 2170,0 MHz
8,0
10,0
dB
Attenuation
α
50,0 ... 1400,0 MHz
22,0
27,0
dB
1400,0 ... 1910,0 MHz
25,0
28,0
dB
1910,0 ... 1980,0 MHz
30,0
38,0
dB
2300,0 ... 3700,0 MHz
25,0
30,0
dB
3700,0 ... 5300,0 MHz
20,0
25,0
dB
5300,0 ... 5700,0 MHz
15,0
18,0
dB
Temperature coefficient of frequency
TCf
-35
ppm/K


Similar Part No. - B39212B3669U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39212B3669U410 TDK-B39212B3669U410 Datasheet
106Kb / 8P
   SAW Components SAW filter
More results

Similar Description - B39212B3669U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5242 EPCOS-B5242 Datasheet
62Kb / 7P
   SAW IF filter W-CDMA
B5076 EPCOS-B5076 Datasheet
64Kb / 7P
   SAW IF filter CDMA
logo
Oscilent Corporation
803-RF374.0M-A OSCILENT-803-RF374.0M-A Datasheet
491Kb / 3P
   CDMA Tx RF SAW Filter
logo
Transko Electronics, In...
TA836DL TRANSKO-TA836DL Datasheet
342Kb / 4P
   CDMA, RF-Tx SAW Filter
Revision 0:
logo
EPCOS
B7750 EPCOS-B7750_1 Datasheet
85Kb / 8P
   SAW filter W-CDMA
logo
Oscilent Corporation
803-RF374.0M-A OSCILENT-803-RF374.0M-A_14 Datasheet
140Kb / 5P
   CDMA, RF/Tx SAW Filter
logo
Transko Electronics, In...
TA836DM TRANSKO-TA836DM Datasheet
363Kb / 4P
   CDMA , RF-Tx SAW Filter
Revision 0:
logo
EPCOS
B5059 EPCOS-B5059 Datasheet
226Kb / 8P
   SAW Tx filter CDMA 800
logo
Oscilent Corporation
801-RF836.5M-D OSCILENT-801-RF836.5M-D Datasheet
218Kb / 3P
   CDMA, RF-Tx SAW Filter
860-RF836.5M-F OSCILENT-860-RF836.5M-F Datasheet
189Kb / 3P
   CDMA, RF-Tx SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com