Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3520 Datasheet(PDF) 5 Page - EPCOS

Part # B3520
Description  SAW Components
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3520 Datasheet(HTML) 5 Page - EPCOS

  B3520_1 Datasheet HTML 1Page - EPCOS B3520_1 Datasheet HTML 2Page - EPCOS B3520_1 Datasheet HTML 3Page - EPCOS B3520_1 Datasheet HTML 4Page - EPCOS B3520_1 Datasheet HTML 5Page - EPCOS B3520_1 Datasheet HTML 6Page - EPCOS B3520_1 Datasheet HTML 7Page - EPCOS B3520_1 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
February 22, 2010
B3520
1575.42 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Additional Passband Characteristics for Galileo
Temperature range for specification:
T
= –40 ˚C to+105 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1575.42
MHz
Maximum insertion attenuation
α
max
1572.42 ... 1578.42 MHz
1.6
2.7
dB
Amplitude ripple (p-p)
∆α
1572.42 ... 1578.42 MHz
0.6
1.6
dB
VSWR
1572.42 ... 1578.42 MHz
1.8
2.6
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
10
20
dBm
dBm
source impedance 50
824 MHz to 915 MHz,
1710 MHz to1785 MHz


Similar Part No. - B3520_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3520K4-X.X ETC1-B3520K4-X.X Datasheet
219Kb / 4P
   N-CHANNEL DMOS FET SWITCH
More results

Similar Description - B3520_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com