Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBP208G Datasheet(PDF) 2 Page - Micro Commercial Components

Part # KBP208G
Description  2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KBP208G Datasheet(HTML) 2 Page - Micro Commercial Components

  KBP208G Datasheet HTML 1Page - Micro Commercial Components KBP208G Datasheet HTML 2Page - Micro Commercial Components KBP208G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: 6
2008/03/31
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
RATING AND CHARACTERISTICS CURVES
0.0
0
20
40
60
80
100
120
140
1.0
2.0
0
10
20
30
40
50
60
70
80
90
12
5
10
20
50
100
FIG. 1 - FORWAED CURRENT DERATING CURVE
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
FIG. 2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
o
TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT
CASE
100
10
1.0
0.1
1.0
4.0
10.0
100
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
o
TJ=25 C
PULSE WIDTH:300
S
1000
100
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
o
TJ=125 C
o
TJ=150 C
o
TJ=100 C
o
TJ=25 C
o
TJ=25 C, f=1MHz
Pulse Width 8.3MS
Single Half-Sine-Wave
(JEDEC METHOD)
MCC
KBP2005G THRU KBP210G


Similar Part No. - KBP208G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP208G WTE-KBP208G Datasheet
37Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Frontier Electronics.
KBP208G FRONTIER-KBP208G Datasheet
144Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
KBP208G HY-KBP208G Datasheet
395Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBP208G JGD-KBP208G Datasheet
130Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBP208G GENESIC-KBP208G Datasheet
348Kb / 3P
   Silicon Bridge Rectifier
More results

Similar Description - KBP208G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UD2KB05 MCC-UD2KB05_17 Datasheet
312Kb / 3P
   2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBP2005G MCC-KBP2005G_18 Datasheet
403Kb / 3P
   2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
   2 Amp Glass Passivated Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP_11 Datasheet
193Kb / 4P
   2 Amp Glass Passivated Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP_17 Datasheet
208Kb / 4P
   2 Amp Glass Passivated Rectifier 50 to 1000 Volts
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD3KB05 MCC-UD3KB05_17 Datasheet
280Kb / 3P
   3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com