Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4747W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM4747W
Description  SURFACE MOUNT ZENER SILICON RECTIFIER (VOLTAGE RANGE - 6.2 TO 91.0 Volts Steady State Power- 1.0 Watt)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4747W Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM4747W Datasheet HTML 1Page - Rectron Semiconductor FM4747W Datasheet HTML 2Page - Rectron Semiconductor FM4747W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTRON
SEMICONDUCT O R
TECHNICAL SPECIFICATION
FEATURES
* Plastic package has underwriters laboratory
* Excellent clamping capability
* Low zener impedance
* Low regulation factor
* Epoxy : Device has UL flammability classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
FM4735W
THRU
FM4763W
SMX
VOLTAGE RANGE - 6.2 TO 91.0 Volts Steady State Power- 1.0 Watt
SURFACE MOUNT ZENER SILICON RECTIFIER
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICE
Ratings at 25
oC ambient temperature unless otherwise specified.
2001-6
TYPE
NOMINAL
ZENER
VOLTA GE
at IZT
V Z
(NOTE 1)
(Volts)
TEST
CURRENT
I ZT
(mA)
MAXIMUM DYNAMIC
IMPEDANCE
ZZT at
I ZT
(Ohms)
ZZK at
(Ohms)
(NOTE 1)
I ZK
(mA)
MAXIMUM DC REVERSE
LEAKAGE CURRENT
I R
(uA)
V R
(Volts)
MAXIMUM
SURGE
CURRENT
(NOTE 2)
I RM
(mApk)
MAXIMUM
FORWA R D
VOLTA GE
at 200mA
V F
(Volts)
FM4738W
FM4737W
FM4736W
FM4735W
6.2
6.8
7.5
8.2
41.0
37.0
34.0
31.0
4.5
4.0
3.5
2.0
700
700
700
700
1.0
1.0
0.5
0.5
50.0
10.0
10.0
10.0
3.0
4.0
5.0
6.0
730.0
660.0
605.0
550.0
1.2
1.2
1.2
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
1.2
MECHANICAL DATA
.209 (5.31)
.185 (4.70)
.091 (2.31)
.067 (1.70)
.110 (2.79)
.086 (2.18)
.011 (0.28)
.007 (0.18)
.180 (4.57)
.160 (4.06)
.059 (1.50)
.035 (0.89)
.067 (1.70)
.051 (1.30)


Similar Part No. - FM4747W

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
FM4747W SUNMATE-FM4747W Datasheet
313Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - FM4747W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
Dc Components
SMA5920 DCCOM-SMA5920 Datasheet
51Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
logo
Rectron Semiconductor
TFMBG150A RECTRON-TFMBG150A Datasheet
410Kb / 3P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Leshan Radio Company
CSZAXXXA LRC-CSZAXXXA Datasheet
436Kb / 5P
   Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.A Oct. 2022 1
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
   Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
logo
Dc Components
MMSZ4735A DCCOM-MMSZ4735A Datasheet
63Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
SMA1EZ6.2 DCCOM-SMA1EZ6.2 Datasheet
49Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 300 Volts
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com