Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS1
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS1 Datasheet HTML 5Page - Texas Instruments SN65LVDS1 Datasheet HTML 6Page - Texas Instruments SN65LVDS1 Datasheet HTML 7Page - Texas Instruments SN65LVDS1 Datasheet HTML 8Page - Texas Instruments SN65LVDS1 Datasheet HTML 9Page - Texas Instruments SN65LVDS1 Datasheet HTML 10Page - Texas Instruments SN65LVDS1 Datasheet HTML 11Page - Texas Instruments SN65LVDS1 Datasheet HTML 12Page - Texas Instruments SN65LVDS1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
2 V
1.4 V or 1.2 V (see Note B)
0.8 V
100%
80%
20%
0%
0 V
VOD(H)
VOD(L)
Output
Input
VOD
Z
Y
Input
100
±1%
CL = 10 pF
(2 Places)
tPHL
tPLH
tf
tr
SN65LVDS1
SN65LVDS2
SN65LVDT2
www.ti.com.................................................................................................................................................... SLLS373K – JULY 1999 – REVISED NOVEMBER 2008
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate
(PRR) = 50 Mpps, pulse width = 10 ± 0.2 ns. CL includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.
B.
This point is 1.4 V with VCC = 3.3 V or 1.2 V with VCC = 2.7 V.
Figure 5. Driver Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65LVDS1 SN65LVDS2 SN65LVDT2


Similar Part No. - SN65LVDS1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1 TI-SN65LVDS1 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1 Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS1 TI1-SN65LVDS1 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
SN65LVDS100 TI-SN65LVDS100 Datasheet
679Kb / 20P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100 TI-SN65LVDS100 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
More results

Similar Description - SN65LVDS1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1 TI-SN65LVDS1_09 Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com