Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P48 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P48
Description  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P48 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS62P48 Datasheet HTML 6Page - Texas Instruments ADS62P48 Datasheet HTML 7Page - Texas Instruments ADS62P48 Datasheet HTML 8Page - Texas Instruments ADS62P48 Datasheet HTML 9Page - Texas Instruments ADS62P48 Datasheet HTML 10Page - Texas Instruments ADS62P48 Datasheet HTML 11Page - Texas Instruments ADS62P48 Datasheet HTML 12Page - Texas Instruments ADS62P48 Datasheet HTML 13Page - Texas Instruments ADS62P48 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
TIMING REQUIREMENTS – LVDS AND CMOS MODES
(1)
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
SLAS635A – APRIL 2009 – REVISED JUNE 2009............................................................................................................................................................. www.ti.com
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, sampling frequency = 250 MSPS, sine wave input clock, 1.5 Vpp
clock amplitude, CLOAD = 5pF
(2) , R
LOAD = 100Ω
(3) , (unless otherwise noted).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.7V to
1.9V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
0.7
1.2
1.7
ns
Aperture delay matching
Between two channels within the same device
±50
ps
tj
Aperture jitter
145
fs rms
Time to valid data after coming out of STANDBY mode
1
3
µs
Time to valid data after coming out of global powerdown
20
50
µs
Wake-up time
Time to valid data after stopping and restarting the input clock
10
Clock
cycles
Clock
ADC latency(4)
22
cycles
DDR LVDS MODE(5)
tsu
Data setup time
Data valid(6) to zero-crossing of CLKOUTP
0.55
0.9
ns
th
Data hold time
Zero-crossing of CLKOUTP to data becoming invalid(6)
0.55
0.95
ns
tPDI
Input clock falling edge cross-over to output clock rising edge
tPDI = 0.69×Ts + tdelay
cross-over
Clock propagation delay
100 MSPS
≤ Sampling frequency ≤ 250 MSPS
tdelay
4.2
5.7
7.2
ns
Ts = 1/Sampling frequency
Difference in tdelay between two devices operating at same
tdelay skew
±500
ps
temperature and DRVDD supply voltage
Duty cycle of differential clock, (CLKOUTP-CLKOUTM)
LVDS bit clock duty cycle
52%
100 MSPS
≤ Sampling frequency ≤ 250 MSPS
Rise time measured from –100mV to +100mV
tRISE,
Data rise time,
Fall time measured from +100mV to –100mV
0.14
ns
tFALL
Data fall time
1MSPS
≤ Sampling frequency ≤ 250 MSPS
Rise time measured from –100mV to +100mV
tCLKRISE,
Output clock rise time,
Fall time measured from +100mV to –100mV
0.14
ns
tCLKFALL
Output clock fall time
1 MSPS
≤ Sampling frequency ≤ 250 MSPS
Output buffer enable to
tOE
Time to valid data after output buffer becomes active
100
ns
data delay
PARALLEL CMOS MODE(7) at Fs = 210 MSPS
tSTART
Input clock to data delay
Input clock falling edge cross-over to start of data valid(8)
2.5
ns
tDV
Data valid time
Time interval of valid data(8)
1.7
2.7
ns
tPDI
Input clock falling edge cross-over to output clock rising edge
tPDI = 0.28 × Ts + tdelay
cross-over
Clock propagation delay
100 MSPS
≤ Sampling frequency ≤ 150 MSPS
tdelay
5.5
7.0
8.5
ns
Ts = 1/Sampling frequency
Duty cycle of output clock, CLKOUT
Output clock duty cycle
43%
100 MSPS
≤ Sampling frequency ≤ 150 MSPS
Rise time measured from 20% to 80% of DRVDD
tRISE,
Data rise time,
Fall time measured from 80% to 20% of DRVDD
1.2
ns
tFALL
Data fall time
1
≤ Sampling frequency ≤ 210 MSPS
Rise time measured from 20% to 80% of DRVDD
tCLKRISE,
Output clock rise time,
Fall time measured from 80% to 20% of DRVDD
0.8
ns
tCLKFALL
Output clock fall time
1
≤ Sampling frequency ≤ 150 MSPS
(1)
Timing parameters are ensured by design and characterization and not tested in production
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground
(3)
RLOAD is the differential load resistance between the LVDS output pair.
(4)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load. Setup and hold
time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to LOGIC HIGH of +100.0mV and LOGIC LOW of –100.0mV.
(7)
For Fs> 150 MSPS, it is recommended to use external clock for data capture and NOT the device output clock signal (CLKOUT).
(8)
Data valid refers to LOGIC HIGH of 1.26V and LOGIC LOW of 0.54V.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28


Similar Part No. - ADS62P48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P48 TI-ADS62P48 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48 TI-ADS62P48 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48IRGCR TI-ADS62P48IRGCR Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48IRGCT TI-ADS62P48IRGCT Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS62P48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com