Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P49 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS62P49
Description  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P49 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS62P49_1 Datasheet HTML 2Page - Texas Instruments ADS62P49_1 Datasheet HTML 3Page - Texas Instruments ADS62P49_1 Datasheet HTML 4Page - Texas Instruments ADS62P49_1 Datasheet HTML 5Page - Texas Instruments ADS62P49_1 Datasheet HTML 6Page - Texas Instruments ADS62P49_1 Datasheet HTML 7Page - Texas Instruments ADS62P49_1 Datasheet HTML 8Page - Texas Instruments ADS62P49_1 Datasheet HTML 9Page - Texas Instruments ADS62P49_1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
ELECTRICAL CHARACTERISTICS – ADS62P49/48 and ADS62P29/28
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
SLAS635A – APRIL 2009 – REVISED JUNE 2009............................................................................................................................................................. www.ti.com
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, internal
reference mode (unless otherwise noted).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.8V
ADS62P49/ADS62P29
ADS62P48/ADS62P28
250 MSPS
210 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG INPUT
Differential input voltage range (0 dB gain)
2
2
Vpp
Differential input resistance (at dc), See Figure 94
> 1
> 1
M
Differential input capacitance, See Figure 95
3.5
3.5
pF
Analog input bandwidth (with 25
Ω source impedance)
700
700
MHz
Analog Input common mode current (per channel)
3.6
3.6
µA/MSPS
VCM
Common mode output voltage
1.5
1.5
V
VCM
Output current capability
±4
±4
mA
DC ACCURACY
Offset error
–20
±2
20
–20
±2
20
mV
Temperature coefficient of offset error
0.02
0.02
mV/ °C
Variation of offset error with supply
0.5
0.5
mV/V
There are two sources of gain error – internal reference
inaccuracy and channel gain error.
EGREF
Gain error due to internal reference inaccuracy alone
–1
±0.2
1
–1
±0.2
1
% FS
EGCHAN
Gain error of channel alone(1)
–1
±0.2
1
–1
±0.2
1
% FS
Temperature coefficient of EGCHAN
0.002
0.002
Δ% /°C
Difference in gain errors between two channels
–2
2
–2
2
Gain
within the same device
matching
% FS
Difference in gain errors between two channels
(2)
–4
4
–4
4
across two devices
POWER SUPPLY
IAVDD
Analog supply current
305
350
280
320
mA
Output buffer supply current, LVDS interface with 100
IDRVDD
133
175
122
165
mA
external termination
Output buffer supply current, CMOS interface, Fin = 2MHz,
IDRVDD
91
mA
No external load capacitance (3)(4)
Analog power
1.01
1.15
0.92
1.05
W
Digital power, LVDS interface
0.24
0.315
0.22
0.3
W
Global power down
45
100
45
100
mW
(1)
This is specified by design and characterization; it is not tested in production.
(2)
For two channels within the same device, only the channel gain error matters, as the reference is common for both channels.
(3)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency and the
supply voltage (see Figure 86 and CMOS interface power dissipation in application section).
(4)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10 pF.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28


Similar Part No. - ADS62P49_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P49IRGCR TI-ADS62P49IRGCR Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGCT TI-ADS62P49IRGCT Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS62P49_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com