Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM8T106K016CZB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TM8T106K016CZB
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8T106K016CZB Datasheet(HTML) 2 Page - Vishay Siliconix

  TM8T106K016CZB Datasheet HTML 1Page - Vishay Siliconix TM8T106K016CZB Datasheet HTML 2Page - Vishay Siliconix TM8T106K016CZB Datasheet HTML 3Page - Vishay Siliconix TM8T106K016CZB Datasheet HTML 4Page - Vishay Siliconix TM8T106K016CZB Datasheet HTML 5Page - Vishay Siliconix TM8T106K016CZB Datasheet HTML 6Page - Vishay Siliconix TM8T106K016CZB Datasheet HTML 7Page - Vishay Siliconix TM8T106K016CZB Datasheet HTML 8Page - Vishay Siliconix TM8T106K016CZB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Jun-10
39
TM8
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
Vishay Sprague
Note
* Preliminary values, contact factory for availability.
CASE
L
W
H
P1
P2 (REF.)
C
L
0.081 ± 0.008
[2.05 ± 0.2]
0.051 ± 0.004
[1.3 ± 0.10]
0.04 max.
[1.0 max.]
0.020 ± 0.004
[0.50 ± 0.1]
0.027 min.
[0.70 min.]
0.035 + 0.009/- 001
[0.9+0.23/- 0.02]
M
0.063 ± 0.006
[1.60 ± 0.15]
0.033 ± 0.006
[0.84 ± 0.15]
0.033 ± 0.006
[0.84 ± 0.15]
0.020 ± 0.004
[0.51 ± 0.1]
0.019 min.
[0.48 min.]
0.024 ± 0.004
[0.61 ± 0.1]
N
0.138 + 0.004/- 0.008
[3.505 + 0.101/- 0.203]
0.110 ± 0.004
[2.80 ± 0.1]
0.04 max.
[1.0 max.]
0.031 + 0.004/- 0.006
[0.80 + 0.1/- 0.15]
0.088±0.010
[2.24 ± 0.25]
0.091 + 0.009/- 0.001
[2.3 + 0.23/- 0.025]
P
0.096 ± 0.006
[2.45 ± 0.15]
0.059 ± 0.006
[1.5 ± 0.15]
0.049 max.
[1.25 max.]
0.020 ± 0.004
[0.51 ± 0.1]
0.043 min.
[1.1 min.]
0.035 ± 0.004
[0.90 ± 0.1]
R
0.081 ± 0.006
[2.06 ± 0.15]
0.053 ± 0.006
[1.35 ± 0.15]
0.058 ± 0.004
[1.47 ± 0.10]
0.020 ± 0.004
[0.51 ± 0.1]
0.028 min.
[0.71 min.]
0.035 ± 0.004
[0.90 ± 0.1]
T
0.138 + 0.004/- 0.008
[3.505 + 0.101/- 0.203]
0.110 ± 0.004
[2.80 ± 0.1]
0.06 max.
[1.52 max.]
0.031 + 0.004/- 0.006
[0.80 + 0.1/- 0.15]
0.088±0.010
[2.24 ± 0.25]
0.091 + 0.009/- 0.001
[2.3 + 0.23/- 0.025]
W
0.081 ± 0.006
[2.06 ± 0.15]
0.053 ± 0.006
[1.35 ± 0.15]
0.047 max.
[1.2 max.]
0.020 ± 0.004
[0.51 ± 0.1]
0.028 min.
[0.71 min.]
0.035 ± 0.004
[0.90 ± 0.1]
RATINGS AND CASE CODES
F
6.3 V
10 V
16 V
20 V
25 V
40 V
1.0
M
M
W
R
P
2.2
3.3
R
4.7
M
P
7.5
L
N*
10
M
R
R
15
M
22
33
47
T
DIMENSIONS in inches [millimeters]
MARKING
M-Case
Voltage Code
A
Polarity Bar
K-Case
D, E, F, N, T-Case
XXX - XX
Polarity
band
Capacitance
Vishay logo
(if space allows)
Voltage
P-Case
Voltage
Code
Capacitance
Code
Polarity Bar
GJ


Similar Part No. - TM8T106K016CZB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8TT64JPN TI1-TM8TT64JPN Datasheet
371Kb / 23P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8TT64KPN TI1-TM8TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8TT72JPN TI1-TM8TT72JPN Datasheet
371Kb / 23P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8TU72JPW TI1-TM8TU72JPW Datasheet
308Kb / 26P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM8T106K016CZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com