Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A9411DCKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A9411DCKT
Description  10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A9411DCKT Datasheet(HTML) 4 Page - Texas Instruments

  TS5A9411DCKT Datasheet HTML 1Page - Texas Instruments TS5A9411DCKT Datasheet HTML 2Page - Texas Instruments TS5A9411DCKT Datasheet HTML 3Page - Texas Instruments TS5A9411DCKT Datasheet HTML 4Page - Texas Instruments TS5A9411DCKT Datasheet HTML 5Page - Texas Instruments TS5A9411DCKT Datasheet HTML 6Page - Texas Instruments TS5A9411DCKT Datasheet HTML 7Page - Texas Instruments TS5A9411DCKT Datasheet HTML 8Page - Texas Instruments TS5A9411DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TS5A9411
SCDS241A – MAY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY (continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Dynamic
25°C
5 V
9
VCOM = 3 V,
CL = 35 pF,
Turn-on time
tON
ns
RL = 300 Ω,
See Figure 10
Full
4.5 V to 5.5 V
10
25°C
5 V
7
VCOM = 3 V,
CL = 35 pF,
Turn-off time
tOFF
ns
RL = 300 Ω,
See Figure 10
Full
4.5 V to 5.5 V
7.5
25°C
1
Break-before-
VNC = VNO = 3 V,
CL = 35 pF,
tBBM
5 V
ns
make time
RL = 300 Ω,
See Figure 11
Full
0.9
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
5 V
12.5
pC
RGEN = 0,
See Figure 15
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
Switch OFF,
OFF
25°C
5 V
3.5
pF
CNO(OFF)
f = 1 MHz,
See Figure 9
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 9
25°C
5 V
8.5
pF
ON capacitance
CNO(ON)
f = 1 MHz,
COM
VCOM = V+ or GND,
Switch ON,
CCOM(ON)
25°C
5 V
8.5
pF
ON capacitance
f = 1 MHz,
See Figure 9
Digital input
VI = V+ or GND,
CI
See Figure 9
25°C
5 V
25
pF
capacitance
f = 1 MHz,
RL = 50 Ω,
Bandwidth
BW
See Figure 12
25°C
5 V
100
MHz
Switch ON,
RL = 50 Ω, CL = 5 pF,
Switch OFF,
OFF isolation
OISO
25°C
5 V
–84
dB
f = 1 MHz,
See Figure 13
RL = 50 Ω, CL = 5 pF,
Switch ON,
Crosstalk
XTALK
25°C
5 V
–85
dB
f = 1 MHz,
See Figure 14
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
THD
kHz,
25°C
5 V
0.03
%
distortion
CL = 50 pF,
See Figure 16
Supply
25°C
0.01
Positive supply
Switch ON or
I+
VI = V+ or GND,
5.5 V
µA
current
OFF
Full
0.5
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS5A9411


Similar Part No. - TS5A9411DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A9411DCKT TI-TS5A9411DCKT Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKT TI1-TS5A9411DCKT Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKTG4 TI-TS5A9411DCKTG4 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKTG4 TI1-TS5A9411DCKTG4 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A9411DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com