Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A23159 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS5A23159
Description  1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A23159 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A23159_10 Datasheet HTML 1Page - Texas Instruments TS5A23159_10 Datasheet HTML 2Page - Texas Instruments TS5A23159_10 Datasheet HTML 3Page - Texas Instruments TS5A23159_10 Datasheet HTML 4Page - Texas Instruments TS5A23159_10 Datasheet HTML 5Page - Texas Instruments TS5A23159_10 Datasheet HTML 6Page - Texas Instruments TS5A23159_10 Datasheet HTML 7Page - Texas Instruments TS5A23159_10 Datasheet HTML 8Page - Texas Instruments TS5A23159_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TS5A23159
www.ti.com ........................................................................................................................................................ SCDS201E – AUGUST 2005 – REVISED JULY 2009
Electrical Characteristics for 5-V Supply (continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
5 V
1
8
13
VCOM = V+,
CL = 35 pF,
4.5 V
Turn-on time
tON
ns
RL = 50 Ω,
See Figure 18
Full
to
1
16.5
5.5 V
25°C
5 V
1
5
8
VCOM = V+,
CL = 35 pF,
4.5 V
Turn-off time
tOFF
ns
RL = 50 Ω,
See Figure 18
Full
to
1
8
5.5 V
25°C
5 V
1
5.5
13
Break-before-
VNC = VNO = V+,
CL = 35 pF,
4.5 V
tBBM
ns
make time
RL = 50 Ω,
See Figure 19
Full
to
1
14
5.5 V
Charge
VGEN = 0,
CL = 1 nF,
QC
25°C
5 V
–7
pC
injection
RGEN = 0,
See Figure 23
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
OFF
See Figure 17
25°C
5 V
18
pF
CNO(OFF)
Switch OFF,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
ON
See Figure 17
25°C
5 V
55
pF
CNO(ON)
Switch ON,
capacitance
COM
VCOM = V+ or GND,
ON
CCOM(ON)
See Figure 17
25°C
5 V
54.5
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 17
25°C
5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 20
25°C
5 V
100
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
5 V
–64
dB
f = 1 MHz,
See Figure 21
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
5 V
–64
dB
f = 1 MHz,
See Figure 22
Total
RL = 600 Ω,
f = 20 Hz to 20 kHz,
harmonic
THD
25°C
5 V
0.004
%
CL = 50 pF,
See Figure 24
distortion
Supply
Positive
25°C
10
50
supply
I+
VI = V+ or GND,
Switch ON or OFF
5.5 V
nA
Full
750
current
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5A23159


Similar Part No. - TS5A23159_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A23159 1-廓 2-Channel SPDT Analog Switch 5-V / 3.3-V 2-Channel 2:1 Multiplexer / Demultiplexer
More results

Similar Description - TS5A23159_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A23159 1-廓 2-Channel SPDT Analog Switch 5-V / 3.3-V 2-Channel 2:1 Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com