Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A4596DCKRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS5A4596DCKRE4
Description  8-??SPST ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A4596DCKRE4 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A4596DCKRE4 Datasheet HTML 1Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 2Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 3Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 4Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 5Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 6Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 7Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 8Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TS5A4596
8 W SPST ANALOG SWITCH
5V/3.3V SINGLECHANNEL ANALOG SWITCH
SCDS181 − FEBRUARY 2005
www.ti.com
5
Electrical Characteristics for 3-V Supply(1)
V+ = 2.7 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
range
VCOM,
VNO
0
V+
V
ON-state
ron
VNO = 1.5 V,
Switch ON,
25
°C
2.7 V
9.5
16
ON-state
resistance
ron
VNO = 1.5 V,
ICOM = 10 mA,
Switch ON,
See Figure 13
Full
2.7 V
20
ON-state
resistance
ron(flat)
VNO = 1.5 V, 2.5 V,
Switch ON,
25
°C
2.7 V
1.8
6
resistance
flatness
ron(flat)
VNO = 1.5 V, 2.5 V,
ICOM = 10 mA,
Switch ON,
See Figure 13
Full
2.7 V
7
NO
OFF leakage
INO(OFF)
VNO = 1 V, VCOM = 3 V,
or
Switch OFF,
25
°C
3.6 V
−0.5
0.01
0.5
nA
OFF leakage
current
INO(OFF)
NO
COM
or
VNO = 3 V, VCOM = 1 V,
Switch OFF,
See Figure 14
Full
3.6 V
−5
5
nA
COM
OFF leakage
ICOM(OFF)
VCOM = 1 V, VNO = 3 V,
or
Switch OFF,
25
°C
3.6 V
−0.5
0.01
0.5
nA
OFF leakage
current
ICOM(OFF)
COM
NO
or
VCOM = 3 V, VNO = 1 V,
Switch OFF,
See Figure 14
Full
3.6 V
−5
5
nA
NO
ON leakage
INO(ON)
VNO = 1 V, VCOM = 1 V,
or
VNO = 3 V, VCOM = 3 V,
Switch ON,
25
°C
3.6 V
−1
0.01
1
nA
ON leakage
current
INO(ON)
VNO = 3 V, VCOM = 3 V,
or
VNO = 1 V, 3 V, VCOM = Open,
Switch ON,
See Figure 15
Full
3.6 V
−10
10
nA
COM
ON leakage
ICOM(ON)
VCOM = 1 V, VNO = 1 V,
or
VCOM = 3 V, VNO = 3 V,
Switch ON,
25
°C
3.6 V
−1
0.01
1
nA
ON leakage
current
ICOM(ON)
or
VCOM = 3 V, VNO = 3 V,
or
VCOM = 1 V, 3 V, VNO = Open,
Switch ON,
See Figure 15
Full
3.6 V
−10
10
nA
Digital Control Input (IN)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.8
V
Input leakage
IIH, IIL
VI = V+ or 0
25
°C
3.6 V
−0.5
0.01
0.5
nA
Input leakage
current
IIH, IIL
VI = V+ or 0
Full
3.6 V
−5
5
nA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Similar Part No. - TS5A4596DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4596DCKR TI-TS5A4596DCKR Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results

Similar Description - TS5A4596DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4596 TI1-TS5A4596_14 Datasheet
890Kb / 22P
[Old version datasheet]   8- SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com