Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54291PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54291PWP
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54291PWP Datasheet(HTML) 3 Page - Texas Instruments

  TPS54291PWP Datasheet HTML 1Page - Texas Instruments TPS54291PWP Datasheet HTML 2Page - Texas Instruments TPS54291PWP Datasheet HTML 3Page - Texas Instruments TPS54291PWP Datasheet HTML 4Page - Texas Instruments TPS54291PWP Datasheet HTML 5Page - Texas Instruments TPS54291PWP Datasheet HTML 6Page - Texas Instruments TPS54291PWP Datasheet HTML 7Page - Texas Instruments TPS54291PWP Datasheet HTML 8Page - Texas Instruments TPS54291PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, PVDD1 and 2 = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
PVDD1, PVDD2
Input voltage range
4.5
18
V
IDDSDN
Shutdown current
EN1=EN2 = PVDD2 (4.5-18V)
80
160
µA
IDDQ
Quiescent, non-switching
FB1 = FB2 = 1 V, Outputs Off
1.65
3.00
mA
IDDSW
Quiescent, while switching
FB1 = FB2 = 0.75V, measured at BP
10
mA
UVLO
Minimum turn-on voltage
PVDD2 only
3.8
4.1
4.4
V
UVLOHYS
Hysteresis
460
600
mV
Time from startup to soft start
CBP=10µF, EN1 and EN2 go low
tstart
(1) (2)
1.5
ms
begin
simultaneously
ENABLE (ACTIVE LOW)
Enable threshold voltage
0.9
1.2
1.5
V
V ENx
Hysteresis
70
mV
I ENx
Enable pull-up current
10
µA
Time from enable to soft-start
t ENx
(1)
Other enable pin = GND
10
µs
begin
BP REGULATOR
BP
Regulator voltage
8 V
≤ VPVDD2 ≤ 18 V
5.0
5.2
5.6
V
BPLDO
Dropout voltage
VPVDD2 = 4.5 V
400
mV
IBPS
Regulator short current
4.5 V
≤ VPVDD2 ≤ 18 V
25
mA
OSCILLATOR
TPS54290
260
300
360
kHz
fSW
Oscillator frequency
TPS54291
520
600
720
TPS54292
1040
1200
1440
kHz
tDEAD
(1)
Clock dead time
140
ns
gMTRANSCONDUCTANCE AMPLIFIER AND VOLTAGE REFERENCE (Applies to both channels)
0°C < TJ < 85°C
792
800
808
mV
VFB
Feedback input voltage
–40ºC < TJ < 125°C
786
800
812
mV
IFB
Feedback Input bias current
VFB=0.8 V
5
50
nA
gM
(1)
Transconductance
200
325
450
µS
Error amplifier source current
15
30
40
µA
ISOURCE
VFB1=VFB2=0.7 V, VCOMP=0 V
capability
Error amplifier sink current
ISINK
VFB1=VFB2=0.9 V, VCOMP=2 V
15
30
40
µA
capability
SOFT-START (Applies to both channels)
TPS54290 0 V
≤ VFB ≤ 0.8 V
4.0
5.2
6.0
tSS
Soft-start time
TPS54291
2.0
2.6
3.0
ms
TPS54292
1.0
1.3
1.6
OVERCURRENT PROTECTION
ICL1
Current limit CH1
1.8
2.2
2.6
A
ICL2
Current limit CH2
3.2
3.8
4.6
A
TPS54290
30
ms
THICCUP
(1)
Hiccup timeout
TPS54291
16
TPS54292
8
tONOC
(1)
Minimum overcurrent pulse
150
200
ns
(1)
Specified by design. Not tested in production.
(2)
When both outputs are started simultaneously, a 20-mA current source charges the BP capacitor. Faster times are possible with a lower
BP capacitor value. See Input UVLO and Startup.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54291PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54291PWP TI-TPS54291PWP Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54291PWP TI1-TPS54291PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54291PWPR TI-TPS54291PWPR Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54291PWPR TI1-TPS54291PWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54291PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com