Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JN1DS04FK2X Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN1DS04FK2X
Description  Small Circular Connector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN1DS04FK2X Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JN1DS04FK2X Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN1DS04FK2X Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN1DS04FK2X Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN1DS04FK2X Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN1DS04FK2X Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN1DS04FK2X Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN1DS04FK2X Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN1DS04FK2X Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JN1DS04FK2X Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MB-0054-8
6/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
Ordering Information
Series
Connection Method
U: Through-hole pin
M: Pin with solder
S: Crimp socket
F: Socket with solder
Mating Key Type
None: Normal
X: Angle changed
product
Contact Size
K: #20
L: #22
Shell Size
S: connection outer dia.
(10 dia. to 15 dia.)
Receptacle / Plug
Connector Type
A: Panel mount
receptacle
D: Straight plug
E: Individual plug
F: Angle plug
Modification No. (Note 1)
JN1 H
S
10
P
L
*
S
Connection Method
P: Crimp pin
M: Pin with solder
Relay Receptacle
JN1
A
S
10 U
L
*
* -R
No. of Contacts
04: 4 pins
10:10 pins
Modification No. (Note 1)
Contact Size
K: #20
L: #22
No. of Contacts
04: 4 pins
10:10 pins
Series
Connector Type
H: For cable connection
(without flange)
K: For wall mounting
relay type (with flange)
Shell Size
S: Connection outer dia.
(10 dia. to 15 dia.)
[JN1]
Version Code
Assembly Nut Shape
S: Slim


Similar Part No. - JN1DS04FK2X

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1-22-20-P-R10000 JAE-JN1-22-20-P-R10000 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
JN1-22-20-S-R10000 JAE-JN1-22-20-S-R10000 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
JN1-22-20P-R-10000 JAE-JN1-22-20P-R-10000 Datasheet
150Kb / 1P
   CONTACTS ARE SUPPLIED 10,000 PIECES PER RELL
JN1-22-20P-R-10000 JAE-JN1-22-20P-R-10000 Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
JN1-22-20P-R-10000 JAE-JN1-22-20P-R-10000 Datasheet
269Kb / 17P
   Small Circular Connector
More results

Similar Description - JN1DS04FK2X

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
   Small Circular Connector
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
   Standard Circular Connector
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Amphenol Corporation
TV07WCI1735PF404 AMPHENOL-TV07WCI1735PF404 Datasheet
1Mb / 44P
   Standard Circular Connector
logo
DDK Ltd.
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com