Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP2G125 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G125
Description  LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G125 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AUP2G125 Datasheet HTML 4Page - Texas Instruments SN74AUP2G125 Datasheet HTML 5Page - Texas Instruments SN74AUP2G125 Datasheet HTML 6Page - Texas Instruments SN74AUP2G125 Datasheet HTML 7Page - Texas Instruments SN74AUP2G125 Datasheet HTML 8Page - Texas Instruments SN74AUP2G125 Datasheet HTML 9Page - Texas Instruments SN74AUP2G125 Datasheet HTML 10Page - Texas Instruments SN74AUP2G125 Datasheet HTML 11Page - Texas Instruments SN74AUP2G125 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN74AUP2G125
SCES688D – JANUARY 2007 – REVISED MAY 2010
www.ti.com
OPERATING CHARACTERISTICS
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
3.8
1.2 V ± 0.1 V
3.7
1.5 V ± 0.1 V
3.7
Outputs enabled
f = 10 MHz
1.8 V ± 0.15 V
3.7
2.5 V ± 0.2 V
3.9
3.3 V ± 0.3 V
4
Cpd
Power dissipation capacitance
pF
0.8 V
0
1.2 V ± 0.1 V
0
1.5 V ± 0.1 V
0
Outputs disabled
f = 10 MHz
1.8 V ± 0.15 V
0
2.5 V ± 0.2 V
0
3.3 V ± 0.3 V
0
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G125


Similar Part No. - SN74AUP2G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G126 TI-SN74AUP2G126 Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126 TI1-SN74AUP2G126 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126DCUR TI1-SN74AUP2G126DCUR Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126DQER TI1-SN74AUP2G126DQER Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126RSER TI1-SN74AUP2G126RSER Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUP2G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G126 TI1-SN74AUP2G126_16 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126 TI-SN74AUP2G126 Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G126 UTC-U74LVC2G126 Datasheet
173Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC2G125 TI1-SN74LVC2G125_16 Datasheet
925Kb / 22P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com