Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


J025-52209 Datasheet(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd.

Part No. J025-52209
Description  Small Circular Connector
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAE [Japan Aviation Electronics Industry, Ltd.]
Homepage  http://www.jae.com
Logo 

 8 page
background image
MB-0054-8
8/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
Part Number List
Waterproof (when mated), solder pin, cable dia. 20
max., kit type (with four types of rubber bushing)
107658
JN1HS04MKKS
Waterproof (when mated), solder socket, individual
wire type
037181
JN1DS04FKB
JN1, 2 Receptacle (4, 10pos.) for waterproof, IP67
035565
J025-52209
Waterproof Cap
Waterproof (when mated), solder pin, cable dia. 4.7 to
5.7, Outer diameter: 20 dia. max.
105841
JN1HS04MK4S
Wall Mount
Receptacle
Waterproof (when mated), solder pin, cable dia. 6.5 to
8.0
105206
JN1HS04MK2-R
Waterproof (when mated), solder pin, cable dia. 5.7 to
7.3
105207
JN1KS04MK1-R
Waterproof (when mated), solder pin, cable dia. 5.7 to
7.3
105206
JN1HS04MK1-R
Cable
Connecting
Receptacle
Waterproof (when mated), solder pin, cable dia. 6.5 to
8.0
105207
JN1KS04MK2-R
JN1
Waterproof (when mated), solder socket
kit type (with two types of rubber bushing), X position
035968
JN1FS04FKKX
Waterproof (when mated), solder socket
cable dia. 5.7 to 7.3
035610
JN1FS04FK1
90 Degree
Angle Plug
Waterproof (when mated), solder socket
cable dia. 5.7 to 7.3, X position
035610
JN1FS04FK1X
Waterproof (when mated), solder socket
cable dia. 6.5 to 8.0
035610
JN1FS04FK2
Waterproof (when mated), solder socket
cable dia. 6.5 to 8.0, X position
035610
JN1FS04FK2X
Waterproof (when mated), solder socket
kit type (with two types of rubber bushing)
035968
JN1FS04FKK
Waterproof (when mated), solder socket
cable dia. 5.7 to 7.3
035666
JN1DS04FK1
Straight Plug
Individually waterproofed, solder pin, X position
035649
JN1AS04MK1X
Individually waterproofed, solder pin
035649
JN1AS04MK1
Square
Flange
Receptacle
Waterproof (when mated), solder socket
kit type (with two types of rubber bushing), X position
035969
JN1DS04FKKX
035969
035666
035666
035666
SJ
Drawing
Waterproof (when mated), solder socket
kit type (with two types of rubber bushing)
JN1DS04FKK
Waterproof (when mated), solder socket
cable dia. 6.5 to 8.0, X position
JN1DS04FK2X
Waterproof (when mated), solder socket
cable dia. 6.5 to 8.0
JN1DS04FK2
Waterproof (when mated), solder socket
cable dia. 5.7 to 7.3, X position
JN1DS04FK1X
Performance / Shape
Part Number
Type
No.
of
Con
tacts




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl