Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10700429 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 10700429
Description  TOUCHSCREEN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

10700429 Datasheet(HTML) 2 Page - Schurter Inc.

  10700429 Datasheet HTML 1Page - Schurter Inc. 10700429 Datasheet HTML 2Page - Schurter Inc. 10700429 Datasheet HTML 3Page - Schurter Inc. 10700429 Datasheet HTML 4Page - Schurter Inc. 10700429 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Changes that contribute to technical improvement are subject to alternations
2002
Datum
Name
Bearb.
24.10.
Maurer
TOUCHSCREEN
Gepr.
24.10.
Maurer
8,4“ 4 Wire
Vert.
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured bei Apex Material Technology Corp.
H 1070,0429
1.3
Input Method and Activation Force
Input Method
Average Activation Force
1.6mm dia. Delrin stylus
10~70 grams
16mm dia. Silicon "finger"
10~ 80 grams
2. Typical Optical Characteristics
2.1
Visible Light Transmission: >80%
2.2
Haze: 3~7% (JIS K-7105)
3. Electrical Specifications
3.1
Operating Voltage: 5.5V or less
3.2
Contact current: 20mA (maximum)
3.3
Circuit close resistance:
X : 400~1000Ω Y : 200~650Ω
3.4
Circuit open resistance: > 10MΩ at 25VDC
3.5
Contact bounce: < 10ms
3.6
Linear Test : <1.5 %
3.7
Capacitance:100nF(maximum)
4. Linearity
4.1
Linear Test Specification
Direction X: <1.5 %
Direction Y: <1.5 %
4.2
Line Test Circuit for Y Coordinate
Add 5V between Y1 and Y2 touch the point C0R0 to C9
following drawing.
R9 separately, and measure the voltage from X1 as the
Zu Änd.
Datum
Name
D 79346 Endingen
Blatt 2 von 5
Index: -


Similar Part No. - 10700429

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700420 SCHURTER-10700420 Datasheet
401Kb / 5P
   TOUCHSCREEN
10700421 SCHURTER-10700421 Datasheet
353Kb / 5P
   TOUCHSCREEN
10700422 SCHURTER-10700422 Datasheet
196Kb / 5P
   TOUCHSCREEN
10700423 SCHURTER-10700423 Datasheet
376Kb / 5P
   TOUCHSCREEN
10700425 SCHURTER-10700425 Datasheet
404Kb / 5P
   TOUCHSCREEN
More results

Similar Description - 10700429

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700435 SCHURTER-10700435 Datasheet
388Kb / 5P
   TOUCHSCREEN
10700426 SCHURTER-10700426 Datasheet
198Kb / 5P
   TOUCHSCREEN
10700430 SCHURTER-10700430 Datasheet
197Kb / 5P
   TOUCHSCREEN
10700445 SCHURTER-10700445 Datasheet
560Kb / 5P
   TOUCHSCREEN
10700450 SCHURTER-10700450 Datasheet
199Kb / 5P
   TOUCHSCREEN
10700482 SCHURTER-10700482 Datasheet
188Kb / 4P
   TOUCHSCREEN
10700416 SCHURTER-10700416 Datasheet
402Kb / 5P
   TOUCHSCREEN
10700419 SCHURTER-10700419 Datasheet
377Kb / 5P
   TOUCHSCREEN
10700465 SCHURTER-10700465 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700459 SCHURTER-10700459 Datasheet
236Kb / 4P
   TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
   TOUCHSCREEN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com