Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3L100D Datasheet(PDF) 4 Page - Texas Instruments

Part # TS3L100D
Description  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L100D Datasheet(HTML) 4 Page - Texas Instruments

  TS3L100D Datasheet HTML 1Page - Texas Instruments TS3L100D Datasheet HTML 2Page - Texas Instruments TS3L100D Datasheet HTML 3Page - Texas Instruments TS3L100D Datasheet HTML 4Page - Texas Instruments TS3L100D Datasheet HTML 5Page - Texas Instruments TS3L100D Datasheet HTML 6Page - Texas Instruments TS3L100D Datasheet HTML 7Page - Texas Instruments TS3L100D Datasheet HTML 8Page - Texas Instruments TS3L100D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TS3L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS161A − MAY 2004 – REVISED OCTOBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input voltage range, VIN (see Notes 1 and 2)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch I/O voltage range, VI/O (see Notes 1, 2, and 3)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input clamp current, IIK (VIN < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O port clamp current, II/OK (VI/O < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ON-state switch current, II/O (see Note 4)
±128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND terminals
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 5): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DBQ package
90
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to ground, unless otherwise specified.
2. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
3. VI and VO are used to denote specific conditions for VI/O.
4. II and IO are used to denote specific conditions for II/O.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 6)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level control input voltage (E, S)
2
VCC
V
VIL
Low-level control input voltage (E, S)
0
0.8
V
TA
Operating free-air temperature
0
70
°C
NOTE 6: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - TS3L100D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L100D TI-TS3L100D Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100DBQR TI-TS3L100DBQR Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100DBQRE4 TI-TS3L100DBQRE4 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100DE4 TI-TS3L100DE4 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100DGVR TI-TS3L100DGVR Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results

Similar Description - TS3L100D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100 TI-TS5L100 Datasheet
506Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com