Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A5017RSV Datasheet(PDF) 7 Page - Texas Instruments

Part # TS3A5017RSV
Description  DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017RSV Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3A5017RSV Datasheet HTML 3Page - Texas Instruments TS3A5017RSV Datasheet HTML 4Page - Texas Instruments TS3A5017RSV Datasheet HTML 5Page - Texas Instruments TS3A5017RSV Datasheet HTML 6Page - Texas Instruments TS3A5017RSV Datasheet HTML 7Page - Texas Instruments TS3A5017RSV Datasheet HTML 8Page - Texas Instruments TS3A5017RSV Datasheet HTML 9Page - Texas Instruments TS3A5017RSV Datasheet HTML 10Page - Texas Instruments TS3A5017RSV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TS3A5017
www.ti.com .......................................................................................................................................... SCDS188D – JANUARY 2005 – REVISED DECEMBER 2008
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
2.5 V
1.5
5
8
VD = 2 V,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 300 Ω,
See Figure 17
Full
1
10
2.7 V
25°C
2.5 V
0.3
2
4.5
VD = 2 V,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 300 Ω,
See Figure 17
Full
0.3
6
2.7 V
VGEN = 0, RGEN = 0,
Charge injection
QC
See Figure 22
25°C
2.5 V
pC
CL = 0.1 nF,
S
VS = V+ or GND,
CS(OFF)
See Figure 16
25°C
2.5 V
4.5
pF
OFF capacitance
Switch OFF,
D
VD = V+ or GND,
CD(OFF)
See Figure 16
25°C
2.5 V
18.5
pF
OFF capacitance
Switch OFF,
S
VS = V+ or GND,
CS(ON)
See Figure 16
25°C
2.5 V
24
pF
ON capacitance
Switch ON,
D
VD = V+ or GND,
CD(ON)
See Figure 16
25°C
2.5 V
24
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
2.5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C
2.5 V
165
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 19
25°C
2.5 V
–48
dB
f = 1 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 20
25°C
2.5 V
–49
dB
f = 1 MHz,
RL = 50 Ω,
Crosstalk adjacent
XTALK(ADJ)
See Figure 21
25°C
2.5 V
–74
dB
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
2.5 V
0.29
%
distortion
CL = 50 pF,
See Figure 23
Supply
25°C
2.5
7
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
µA
current
Full
10
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS3A5017


Similar Part No. - TS3A5017RSV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017RGYR TI-TS3A5017RGYR Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017RGYR TI1-TS3A5017RGYR Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A5017RSV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com