Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM8N106M016CBA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TM8N106M016CBA
Description  Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8N106M016CBA Datasheet(HTML) 5 Page - Vishay Siliconix

  TM8N106M016CBA Datasheet HTML 1Page - Vishay Siliconix TM8N106M016CBA Datasheet HTML 2Page - Vishay Siliconix TM8N106M016CBA Datasheet HTML 3Page - Vishay Siliconix TM8N106M016CBA Datasheet HTML 4Page - Vishay Siliconix TM8N106M016CBA Datasheet HTML 5Page - Vishay Siliconix TM8N106M016CBA Datasheet HTML 6Page - Vishay Siliconix TM8N106M016CBA Datasheet HTML 7Page - Vishay Siliconix TM8N106M016CBA Datasheet HTML 8Page - Vishay Siliconix TM8N106M016CBA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TM8
Vishay Sprague
Solid Tantalum Chip Capacitors
MICROTANTM High Reliability, Low DCL,
Leadframeless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40133
42
Revision: 22-Jun-10
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
10 µF - 6 V
IMPEDANCE
ESR
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
4.7 µF - 10 V
IMPEDANCE
ESR
1
10
100
1000
10 000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
1 µF - 16 V
IMPEDANCE
ESR
1000.0
100.0
10.0
1.0
0.1
0.1
1
10
100
1000
FREQUENCY, kHz
“P” CASE
4.7 µF - 25 V
IMPEDANCE
ESR


Similar Part No. - TM8N106M016CBA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TM8 MICROSEMI-TM8 Datasheet
193Kb / 4P
   SENSISTORS
logo
Vishay Siliconix
TM8 VISHAY-TM8 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
SYNERGY MICROWAVE CORPO...
TM8-GT SYNERGY-TM8-GT Datasheet
256Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
logo
Systemsensor advanced i...
TM80 SYSTEMSENSOR-TM80 Datasheet
481Kb / 2P
   SMOKE DETECTORS
logo
Thinki Semiconductor Co...
TM802FCH THINKISEMI-TM802FCH Datasheet
385Kb / 2P
   16.0 Ampere Insulated Dual Tandem Polarity Super Fast Recovery Rectifiers
More results

Similar Description - TM8N106M016CBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com