Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1070.0047.03 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 1070.0047.03
Description  Touch Controller Board USB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1070.0047.03 Datasheet(HTML) 3 Page - Schurter Inc.

  1070.0047.03 Datasheet HTML 1Page - Schurter Inc. 1070.0047.03 Datasheet HTML 2Page - Schurter Inc. 1070.0047.03 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Changes that contribute to technical improvement are subject to alternations
2007
Datum
Name
Bearb.
05.04.
Maurer
Touch Controller Board
Gepr.
05.04.
Maurer
USB
Vert.
4-, 5-, 8-wire
EDV-Datasheet
SPEZIFICATIONS
PenMount 6300 USB
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070,0047.01-.04
Zu
Änd.
Datum
Name
D 79346 Endingen
page 3 of 3
Index:
Connector Pin Definitions for Touch Screen
Pin Definition
/ wires
4-wire
touch screen
5-wire
touch screen
8-wire
touch screen
PIN 1
Ground
Ground
Ground
PIN 2
Top
UL
Top
PIN 3
Bottom
UR
Bottom
PIN 4
Left
LL
Left
PIN 5
Right
LR
Right
PIN 6
---
Sense
Top Sense
PIN 7
---
---
Bottom Sense
PIN 8
---
---
Left Sense
PIN 9
---
---
Right Sense
Connector Pin Definitions for USB
USB Interface
Pin #
PIN 1
PIN 2
PIN 3
PIN 4
Definition
Ground
D+
D-
Vcc
Item Numbers
1070. 0047.01
cable set 4-wire ZIF
USB cable 1500mm
1070. 0047.02
cable set 4-wire AMPC
USB cable 1500mm
1070. 0047.03
cable set 8-wire AMPC
USB cable 1500mm
1070. 0047.04
cable set 5-wire AMPC
USB cable 1500mm


Similar Part No. - 1070.0047.03

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1070.0045.01 SCHURTER-1070.0045.01 Datasheet
99Kb / 2P
   Touch Controller Board USB
1070.0045.02 SCHURTER-1070.0045.02 Datasheet
99Kb / 2P
   Touch Controller Board USB
1070.0045.03 SCHURTER-1070.0045.03 Datasheet
99Kb / 2P
   Touch Controller Board USB
1070.0048.01 SCHURTER-1070.0048.01 Datasheet
98Kb / 3P
   Touch Controller Board USB & RS232
1070.0048.02 SCHURTER-1070.0048.02 Datasheet
98Kb / 3P
   Touch Controller Board USB & RS232
More results

Similar Description - 1070.0047.03

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1070004501 SCHURTER-1070004501 Datasheet
99Kb / 2P
   Touch Controller Board USB
1070004801 SCHURTER-1070004801 Datasheet
98Kb / 3P
   Touch Controller Board USB & RS232
10700049 SCHURTER-10700049 Datasheet
102Kb / 2P
   Touch Controller Chip Combo, RS232 / USB
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
logo
Microchip Technology
AR1100 MICROCHIP-AR1100 Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
   Multi-Touch Capacitive Touch Controller
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Freescale Semiconductor...
MPR081 FREESCALE-MPR081 Datasheet
323Kb / 22P
   Touch Pad Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com