Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3238EIDWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRS3238EIDWRG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3238EIDWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TRS3238EIDWRG4 Datasheet HTML 1Page - Texas Instruments TRS3238EIDWRG4 Datasheet HTML 2Page - Texas Instruments TRS3238EIDWRG4 Datasheet HTML 3Page - Texas Instruments TRS3238EIDWRG4 Datasheet HTML 4Page - Texas Instruments TRS3238EIDWRG4 Datasheet HTML 5Page - Texas Instruments TRS3238EIDWRG4 Datasheet HTML 6Page - Texas Instruments TRS3238EIDWRG4 Datasheet HTML 7Page - Texas Instruments TRS3238EIDWRG4 Datasheet HTML 8Page - Texas Instruments TRS3238EIDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
TRS3238E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS797 – JUNE 2007
Flexible control options for power management are featured when the serial port and driver inputs are inactive.
The auto-powerdown plus feature functions when FORCEON is low and FORCEOFF is high. During this mode
of operation, if the device does not sense valid signal transitions on all receiver and driver inputs for
approximately 30 s, the built-in charge pump and drivers are powered down, reducing the supply current to
1
μA. By disconnecting the serial port or placing the peripheral drivers off, auto-powerdown plus occurs if there
is no activity in the logic levels for the driver inputs. Auto-powerdown plus can be disabled when FORCEON and
FORCEOFF are high. With auto-powerdown plus enabled, the device activates automatically when a valid signal
is applied to any receiver or driver input. INVALID is high (valid data) if any receiver input voltage is greater than
2.7 V or less than –2.7 V, or has been between –0.3 V and 0.3 V for less than 30
μs. INVALID is low (invalid
data) if all receiver input voltages are between –0.3 V and 0.3 V for more than 30
μs. Refer to Figure 5 for
receiver input levels.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 50
TRS3238ECDB
SSOP – DB
TRS3238EC
Reel of 2000
TRS3238ECDBR
Tube of 50
TRS3238ECPW
0
°C to 70°C
TSSOP – PW
RS38EC
Reel of 2000
TRS3238ECPWR
SOIC – DW
Reel of 2000
TRS3238ECDWR
TRS3238EC
QFN – RHB
Reel of 2000
TRS3238ECRHBR
PREVIEW
Tube of 50
TRS3238EIDB
SSOP – DB
TRS3238EI
Reel of 2000
TRS3238EIDBR
Tube of 50
TRS3238EIPW
–40
°C to 85°C
TSSOP – PW
RS38EI
Reel of 2000
TRS3238EIPWR
SOIC – DW
Reel of 2000
TRS3238ICDWR
TRS3238EI
QFN – RHB
Reel of 2000
TRS3238EIRHBR
PREVIEW
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback


Similar Part No. - TRS3238EIDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3238 TI-TRS3238 Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238 Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238CDB TI-TRS3238CDB Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238CDB TI-TRS3238CDB Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238CDBG4 TI-TRS3238CDBG4 Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results

Similar Description - TRS3238EIDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3238E TI1-TRSF3238E Datasheet
610Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238_10 Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238 Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3243 TI1-TRS3243 Datasheet
583Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com