Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A5017PWE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TS3A5017PWE4
Description  DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017PWE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3A5017PWE4 Datasheet HTML 7Page - Texas Instruments TS3A5017PWE4 Datasheet HTML 8Page - Texas Instruments TS3A5017PWE4 Datasheet HTML 9Page - Texas Instruments TS3A5017PWE4 Datasheet HTML 10Page - Texas Instruments TS3A5017PWE4 Datasheet HTML 11Page - Texas Instruments TS3A5017PWE4 Datasheet HTML 12Page - Texas Instruments TS3A5017PWE4 Datasheet HTML 13Page - Texas Instruments TS3A5017PWE4 Datasheet HTML 14Page - Texas Instruments TS3A5017PWE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TS3A5017
www.ti.com .......................................................................................................................................... SCDS188D – JANUARY 2005 – REVISED DECEMBER 2008
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VD
Voltage at D
VNC
Voltage at S
ron
Resistance between D and S ports when the channel is ON
Δron
Difference of ron between channels in a specific device
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
IS(OFF)
Leakage current measured at the S port, with the corresponding channel (S to D) in the OFF state
ISPWR(OFF)
Leakage current measured at the S port under the powered down mode, V+ = 0
IS(ON)
Leakage current measured at the S port, with the corresponding channel (S to D) in the ON state and the output (D) open
ID(OFF)
Leakage current measured at the D port, with the corresponding channel (D to S) in the OFF state
IDPWR(OFF)
Leakage current measured at the D port under the powered down mode, V+ = 0
ID(ON)
Leakage current measured at the D port, with the corresponding channel (D to S) in the ON state and the output (S) open
VIH
Minimum input voltage for logic high for the control input (IN, EN)
VIL
Maximum input voltage for logic low for the control input (IN, EN)
VI
Voltage at the control input (IN, EN)
IIH, IIL
Leakage current measured at the control input (IN, EN)
Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the propagation
tON
delay between the digital control (IN) signal and analog output (D or S) signal when the switch is turning ON.
Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the propagation
tOFF
delay between the digital control (IN) signal and analog output (D or S) signal when the switch is turning OFF.
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (S or D) output.
QC
This is measured in coulomb (C) and measured by the total charge induced due to switching of the control input. Charge
injection, QC = CL × ΔVD, CL is the load capacitance and ΔVD is the change in analog output voltage.
CS(OFF)
Capacitance at the S port when the corresponding channel (S to D) is OFF
CS(ON)
Capacitance at the S port when the corresponding channel (S to D) is ON
CD(OFF)
Capacitance at the D port when the corresponding channel (D to S) is OFF
CD(ON)
Capacitance at the D port when the corresponding channel (D to S) is ON
CI
Capacitance of control input (IN)
OFF isolation of the switch is a measurement of OFF-state switch impedance. This is measured in dB in a specific
OISO
frequency, with the corresponding channel (S to D) in the OFF state.
Crosstalk is a measurement of unwanted signal coupling from an ON channel to an OFF channel (1S1 to 2S1). This is
XTALK
measured in a specific frequency and in dB.
BW
Bandwidth of the switch. This is the frequency in which the gain of an ON channel is –3 dB below the DC gain.
Total harmonic distortion describes the signal distortion caused by the analog switch. This is defined as the ratio of root
THD
mean square (RMS) value of the second, third, and higher harmonic to the absolute magnitude of the fundamental
harmonic.
I+
Static power-supply current with the control (IN) pin at V+ or GND
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS3A5017


Similar Part No. - TS3A5017PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017PWE4 TI1-TS3A5017PWE4 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A5017PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com