Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3DV520ERHURG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV520ERHURG4
Description  5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DV520ERHURG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3DV520ERHURG4 Datasheet HTML 3Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 4Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 5Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 6Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 7Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 8Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 9Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 10Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OPERATING CHARACTERISTICS
−100
−80
−60
−40
−20
0
Frequency (MHz)
0.1
1
1000
10
100
10,000
−12
−10
−8
−6
−4
−2
0
Frequency (MHz)
0.1
1
1000
10
100
Frequency (MHz)
10,000
−100
−80
−60
−40
−20
0
Frequency (MHz)
0.1
1
1000
10
100
10,000
0
1
2
3
4
5
6
0
1
2
3
4
5
6
VCOM (V)
TS3DV520E
www.ti.com............................................................................................................................................................... SCDS240B – JUNE 2007 – REVISED MAY 2009
Figure 1. Gain/Phase vs Frequency
Figure 2. OFF Isolation vs Frequency
Figure 3. Crosstalk vs Frequency
Figure 4. ron vs VCOM (VCC = 3.6 V
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS3DV520E


Similar Part No. - TS3DV520ERHURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV520ERHURG4 TI-TS3DV520ERHURG4 Datasheet
299Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
More results

Similar Description - TS3DV520ERHURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV520 TI-TS3DV520 Datasheet
285Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E Datasheet
299Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520RHURG4 TI-TS3DV520RHURG4 Datasheet
472Kb / 20P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV421 TI-TS3DV421 Datasheet
654Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_08 Datasheet
460Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_07 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_09 Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Texas Instruments
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com