Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3232ECDG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TRS3232ECDG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3232ECDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRS3232ECDG4 Datasheet HTML 3Page - Texas Instruments TRS3232ECDG4 Datasheet HTML 4Page - Texas Instruments TRS3232ECDG4 Datasheet HTML 5Page - Texas Instruments TRS3232ECDG4 Datasheet HTML 6Page - Texas Instruments TRS3232ECDG4 Datasheet HTML 7Page - Texas Instruments TRS3232ECDG4 Datasheet HTML 8Page - Texas Instruments TRS3232ECDG4 Datasheet HTML 9Page - Texas Instruments TRS3232ECDG4 Datasheet HTML 10Page - Texas Instruments TRS3232ECDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
11
10
8
1
2
3
4
7
ROUT2
DIN2
9
RIN1
16
13
12
15
14
DIN1
5
6
+
C3
VCC
C2+
C1
C2
C1+
GND
C1−
ROUT1
C2−
+
CBYPASS
= 0.1
µF
V+
+
+
RIN2
C4
+
VCC
C1
C2, C3, C4
3.3 V
± 0.3 V
5 V
± 0.5 V
3 V to 5.5 V
0.1
µF
0.047
µF
0.1
µF
0.1
µF
0.33
µF
0.47
µF
VCC vs CAPACITOR VALUES
DOUT1
DOUT2
C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown.
V−
5 k
5 k
TRS3232E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS790 – JUNE 2007
Figure 4. Typical Operating Circuit and Capacitor Values
7
Submit Documentation Feedback


Similar Part No. - TRS3232ECDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3232ECD TI-TRS3232ECD Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232ECDBR TI-TRS3232ECDBR Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232ECDR TI-TRS3232ECDR Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232ECDW TI-TRS3232ECDW Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232ECDWR TI-TRS3232ECDWR Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
More results

Similar Description - TRS3232ECDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E_101 TI-MAX3232E_101 Datasheet
531Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_07 Datasheet
352Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E_09 Datasheet
742Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E Datasheet
652Kb / 24P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E-Q1 TI1-TRS3232E-Q1 Datasheet
204Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com