Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24072T Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24072T
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24072T Datasheet(HTML) 5 Page - Texas Instruments

  BQ24072T Datasheet HTML 1Page - Texas Instruments BQ24072T Datasheet HTML 2Page - Texas Instruments BQ24072T Datasheet HTML 3Page - Texas Instruments BQ24072T Datasheet HTML 4Page - Texas Instruments BQ24072T Datasheet HTML 5Page - Texas Instruments BQ24072T Datasheet HTML 6Page - Texas Instruments BQ24072T Datasheet HTML 7Page - Texas Instruments BQ24072T Datasheet HTML 8Page - Texas Instruments BQ24072T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
bq24072T
bq24075T, bq24079T
www.ti.com
SLUS937A – DECEMBER 2009 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS (continued)
Over junction temperature range (0°C < TJ < 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Deglitch time, supplement mode short
tDGL(SC2)
250
ms
circuit
Recovery time, supplement mode short
tREC(SC2)
60
ms
circuit
BATTERY CHARGER
Source current for BAT pin short-circuit
IBAT(SC)
4
7.5
11
mA
detection
VBAT(SC)
BAT pin short-circuit detection threshold
1.6
1.8
2.0
V
bq24072T, bq24075T
4.16
4.20
4.24
VBAT(REG) Battery charge voltage
V
bq24079T
4.059
4.100
4.141
Pre-charge to fast-charge transition
VLOWV
2.9
3
3.1
V
threshold
tDGL1(LOW
Deglitch time on pre-charge to
25
ms
V)
fast-charge transition
tDGL2(LOW
Deglitch time on fast-charge to
25
ms
V)
pre-charge transition
VBAT(REG) > VBAT > VLOWV, VIN = 5V, CE = LO, EN1= LO, EN2 =
ICHG
Battery fast charge current range
300
1500
mA
HI
CE = LO, EN1= LO, EN2 = HI, VBAT > VLOWV,
ICHG
Battery fast charge current
VIN = 5V, IIN-MAX > ICHG, no load on OUT pin, thermal loop not
KISET/RISET
A
active, DPM loop not active
KISET
Fast charge current factor
797
890
975
A
Ω
IPRECHG
Pre-charge current
KPRECHG /RISET
A
kPRECHG
Pre-charge current factor
70
88
106
CE = LO, (EN1,EN2)
≠(LO,LO),
0.09×ICH
0.1×ICH
0.11×ICH
VBAT > VRCH, t < tMAXCH, VIN = 5V, DPM loop not active, thermal
G
G
G
loop not active
Charge current value for termination
ITERM
detection threshold
CE = LO, (EN1,EN2)=(LO,LO),
0.027×IC .033×IC
0.040×IC
VBAT > VRCH, t < tMAXCH, VIN = 5V, DPM loop not active, thermal
HG
HG
HG
loop not active
tDGL(TERM
Deglitch time, termination detected
25
ms
)
VO(REG)
VO(REG)
VO(REG)
VRCH
Recharge detection threshold
–100m
V
–140mV
–60mV
V
Deglitch time, recharge threshold
tDGL(RCH)
62.5
ms
detected
tDGL(NO-
Delay time, input power loss to charger
VBAT = 3.6V. Time measured from VIN:
20
ms
IN)
turn-off
5V
→ 3.3V 1ms fall-time
IBAT(DET)
Sink current for battery detection
5
7.5
10
mA
tDET
Battery detection timer
250
ms
BATTERY CHARGING TIMERS
tPRECHG
Pre-charge safety timer value
TMR = floating
1440
1800
2160
s
tMAXCH
Charge safety timer value
TMR = floating
14400
18000
21600
s
Pre-charge safety timer value(externally
tPRECHG
18k
Ω < RTMR < 72kΩ
RTMR x KTMR
s
set)
Charge safety timer value (externally
tMAXCH
18k
Ω < RTMR < 72kΩ
10 x RTMR x KTMR
s
set)
KTMR
Timer factor
35
45
55 s / k
BATTERY – PACK NTC MONITOR
% of
VHOT
High temperature trip point
Battery charging
12
12.5
13
VIN
% of
VHYS(HOT) Hysteresis on high trip point
Battery charging
1
VIN
% of
VCOLD
Low temperature trip point
Battery charging
24.5
25
25.5
VIN
VHYS(COL
% of
Hysteresis on low trip point
Battery charging
1
D)
VIN
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24072T bq24075T bq24079T


Similar Part No. - BQ24072T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24072TRGTR TI-bq24072TRGTR Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072TRGTR TI-BQ24072TRGTR Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24072TRGTT TI-bq24072TRGTT Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - BQ24072T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com